Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1047443 Datasheet (PDF) - PHOENIX CONTACT

1047443 Datasheet PDF - PHOENIX CONTACT
Part # 1047443
Download  1047443 Download
File Size   441.87 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 4/18X1,5-NS15A BU

1047443 Datasheet (PDF)

Go To PDF Page Download Datasheet
1047443 Datasheet PDF - PHOENIX CONTACT

Part # 1047443
Download  1047443 Click to download

File Size   441.87 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 4/18X1,5-NS15A BU

1047443 Datasheet (HTML) - PHOENIX CONTACT


1047443 Product details

Distribution block, nominal current: 41 A, Line contact, Rated cross section: 4 mm2, cross
section: 0.2 mm2 - 6 mm2, Push-in connection, Load contact, cross section: 0.14 mm2 - 2.5 mm2,
mounting type: NS 15, color: blue

Your advantages
• Convenient test options, thanks to test openings at every terminal point
• Space-saving potential distribution, thanks to compact micro potential distributors
• Flexible use, thanks to DIN rail and direct mounting
• Space-saving, thanks to the compact design
• Clear arrangement thanks to marking of all terminal points




Similar Part No. - 1047443

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1047441 PHOENIX-1047441 Datasheet
261Kb / 10P
PTFIX 4/18X1,5-G-FE - Distribution block
1047442 PHOENIX-1047442 Datasheet
136Kb / 11P
Distribution block - PTFIX 4/18X1,5-NS15A GY
09/12/2020
1047444 PHOENIX-1047444 Datasheet
443Kb / 21P
Distribution block - PTFIX 4/18X1,5-NS15A RD
Jul 6, 2022
1047445 PHOENIX-1047445 Datasheet
442Kb / 21P
Distribution block - PTFIX 4/18X1,5-NS15A BN
Jul 6, 2022
1047446 PHOENIX-1047446 Datasheet
136Kb / 11P
Distribution block - PTFIX 4/18X1,5-NS15A GN
09/12/2020
More results


Similar Description - 1047443

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1047442 PHOENIX-1047442 Datasheet
136Kb / 11P
Distribution block - PTFIX 4/18X1,5-NS15A GY
09/12/2020
1047446 PHOENIX-1047446 Datasheet
136Kb / 11P
Distribution block - PTFIX 4/18X1,5-NS15A GN
09/12/2020
1047419 PHOENIX-1047419 Datasheet
500Kb / 21P
Distribution block - PTFIX 4/18X1,5 BU
Jun 2, 2022
3002926 PHOENIX-3002926 Datasheet
442Kb / 20P
Distribution block - PTFIX 18X1,5-NS15A BU
Jun 13, 2022
1047444 PHOENIX-1047444 Datasheet
443Kb / 21P
Distribution block - PTFIX 4/18X1,5-NS15A RD
Jul 6, 2022
1047445 PHOENIX-1047445 Datasheet
442Kb / 21P
Distribution block - PTFIX 4/18X1,5-NS15A BN
Jul 6, 2022
1047448 PHOENIX-1047448 Datasheet
442Kb / 21P
Distribution block - PTFIX 4/18X1,5-NS15A BK
Jul 6, 2022
1047449 PHOENIX-1047449 Datasheet
443Kb / 21P
Distribution block - PTFIX 4/18X1,5-NS15A WH
Jul 6, 2022
1047447 PHOENIX-1047447 Datasheet
443Kb / 20P
Distribution block - PTFIX 4/18X1,5-NS15A YE
Jul 21, 2022
1047451 PHOENIX-1047451 Datasheet
442Kb / 20P
Distribution block - PTFIX 4/18X1,5-NS15A OG
Jul 21, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com