Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS2200BI1R Datasheet (PDF) - Renesas Technology Corp

IPS2200BI1R Datasheet PDF - Renesas Technology Corp
Part # IPS2200BI1R
Download  IPS2200BI1R Download
File Size   1351.4 Kbytes
Page   37 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Inductive Position Sensor IC

IPS2200BI1R Datasheet (PDF)

Go To PDF Page Download Datasheet
IPS2200BI1R Datasheet PDF - Renesas Technology Corp

Part # IPS2200BI1R
Download  IPS2200BI1R Click to download

File Size   1351.4 Kbytes
Page   37 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Inductive Position Sensor IC

IPS2200BI1R Datasheet (HTML) - Renesas Technology Corp


IPS2200BI1R Product details

Features
• Position sensing based on an inductive principle
• Cost effective; no magnet required
• Immune to magnetic stray fields; no shielding
required
• Suitable for harsh environments and extreme
temperatures
• Differential and single-ended sine and cosine outputs
• Digital incremental outputs: 4 counts per period
• Nonvolatile user-configurable memory,
programmable via I2C or SPI interface
• Single IC supports on-axis and off-axis rotation,
linear motion, and arc motion sensing
• Adaptable to any full-scale angle range
• High accuracy: ≤ 0.2% full scale
• Rotation sensing up to 360º angle range
• ±18V over-voltage and reverse-polarity protection on
output pins
• Fast diagnostic alarm through interrupt pin
• Wide operation temperature: -40°C up to +125°C
• Supply voltage programmable for 3.0V to 3.6V or
4.5V to 5.5V
• Small 16-TSSOP package (4.4 5.0 mm body)




Similar Part No. - IPS2200BI1R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IPS2200BI1R RENESAS-IPS2200BI1R Datasheet
1Mb / 35P
Inductive Position Sensor IC
More results


Similar Description - IPS2200BI1R

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90365 MELEXIS-MLX90365 Datasheet
897Kb / 35P
Triaxis짰 Position Sensor IC
MLX90360 MELEXIS-MLX90360 Datasheet
651Kb / 35P
Triaxis횘 Position Sensor IC
MLX90316 MELEXIS-MLX90316_13 Datasheet
887Kb / 45P
Rotary Position Sensor IC
MLX90366LVS-ADS MELEXIS-MLX90366LVS-ADS Datasheet
887Kb / 45P
Rotary Position Sensor IC
logo
Integrated Device Techn...
ZMID5201 IDT-ZMID5201 Datasheet
987Kb / 30P
Inductive Position Sensor IC
logo
Renesas Technology Corp
IPS2200 RENESAS-IPS2200 Datasheet
1Mb / 35P
Inductive Position Sensor IC
logo
Melexis Microelectronic...
MLX90377 MELEXIS-MLX90377 Datasheet
3Mb / 90P
Triaxis짰 Position Sensor IC
logo
Renesas Technology Corp
IPS2550 RENESAS-IPS2550 Datasheet
1Mb / 53P
Inductive Position Sensor IC
June 20, 2022
ZMID4200 RENESAS-ZMID4200 Datasheet
1,018Kb / 26P
Inductive Position Sensor IC
Aug 19, 2021
ZMID5201 RENESAS-ZMID5201 Datasheet
1Mb / 33P
Inductive Position Sensor IC
July 21, 2020
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com