Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN7543 Datasheet (PDF) - Renesas Technology Corp

FN7543 Datasheet PDF - Renesas Technology Corp
Part # FN7543
Download  FN7543 Download
File Size   200.02 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Speed Triple Laser Diode Drivers

FN7543 Datasheet (PDF)

Go To PDF Page Download Datasheet
FN7543 Datasheet PDF - Renesas Technology Corp

Part # FN7543
Download  FN7543 Click to download

File Size   200.02 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Speed Triple Laser Diode Drivers

FN7543 Datasheet (HTML) - Renesas Technology Corp


FN7543 Product details

Features
• High-speed, triple-output laser diode driver supporting up to
720-pixel HD resolution
• Up to 1A of peak current output
• Fast output switching speeds with pulse rise/fall times of
1ns to 2ns for crisp pixels
• Intersil patented laser voltage sampler function provides
dynamic power management capability to dramatically
minimize system power
• Intersil patented SmartLinearizer™ DAC feature provides a
linear transfer function (input video code to green laser
output), eliminating the need for DSP controller processing
algorithms required for non-linear green lasers
• Flexible 10-bit or Intersil patented 15-bit RGB pixel input
formats supported to reduce speed and power. 300MHz
maximum data Input rate supported for 10-bit RGB mode
• Blanking time power reduction reduces LDD current
consumption to 3mA typical
• Programmable return-to-zero (RTZ) function provides
maximum flexibility
• Integrated heater function for SHG green lasers reduces
external components
• Single 3.3V supply and 1.8V video interface compatible for
low power




Similar Part No. - FN7543

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN7510-10-M3 SCHAFFNER-FN7510-10-M3 Datasheet
355Kb / 4P
AC Feedthrough Capacitor
FN7510-100-M8 SCHAFFNER-FN7510-100-M8 Datasheet
355Kb / 4P
AC Feedthrough Capacitor
FN7510-16-M4 SCHAFFNER-FN7510-16-M4 Datasheet
355Kb / 4P
AC Feedthrough Capacitor
FN7510-32-M4 SCHAFFNER-FN7510-32-M4 Datasheet
355Kb / 4P
AC Feedthrough Capacitor
FN7511-10-M3 SCHAFFNER-FN7511-10-M3 Datasheet
355Kb / 4P
AC Feedthrough Capacitor
More results


Similar Description - FN7543

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7240 INTERSIL-EL7240 Datasheet
106Kb / 7P
High Speed Coil Drivers
January 1996
logo
Maxim Integrated Produc...
MAX3930 MAXIM-MAX3930 Datasheet
849Kb / 14P
10.7Gbps Laser Diode Drivers
Rev 3; 3/02
logo
API Technologies Corp
DD211B APITECH-DD211B Datasheet
1,020Kb / 1P
HIGH SPEED DRIVERS
DD111M APITECH-DD111M Datasheet
958Kb / 1P
HIGH SPEED DRIVERS
logo
Intersil Corporation
ISL58315 INTERSIL-ISL58315 Datasheet
89Kb / 2P
High Speed Triple Laser Diode Drivers
September 30, 2011
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
High Speed MOSFET Drivers
logo
Renesas Technology Corp
ISL58303 RENESAS-ISL58303 Datasheet
179Kb / 2P
800mA Triple Output Laser Diode Driver
ISL78365 RENESAS-ISL78365 Datasheet
306Kb / 5P
Automotive High-Speed Quad Laser Diode Driver
logo
Wavelength Electronics,...
PLD WAVELENGTH-PLD Datasheet
2Mb / 21P
Laser Diode Drivers
logo
Renesas Technology Corp
ISL58214 RENESAS-ISL58214 Datasheet
1Mb / 24P
Programmable High Speed Single Channel Laser Diode Driver
April 14, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com