Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YFW2P15MI Datasheet (PDF) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

YFW2P15MI Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Part # YFW2P15MI
Download  YFW2P15MI Download
File Size   2609.45 Kbytes
Page   5 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description -150V P-CHANNEL ENHANCEMENT MODE MOSFET

YFW2P15MI Datasheet (PDF)

Go To PDF Page Download Datasheet
YFW2P15MI Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # YFW2P15MI
Download  YFW2P15MI Click to download

File Size   2609.45 Kbytes
Page   5 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description -150V P-CHANNEL ENHANCEMENT MODE MOSFET

YFW2P15MI Datasheet (HTML) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD


YFW2P15MI Product details

Application
 Brushless motor
 Load switch
 Uninterruptible power supply




Similar Part No. - YFW2P15MI

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
YFW200 YEONHO-YFW200 Datasheet
244Kb / 1P
Pin Header : 2mm pitch
YFW200-02 YEONHO-YFW200-02 Datasheet
244Kb / 1P
Pin Header : 2mm pitch
YFW200-03 YEONHO-YFW200-03 Datasheet
244Kb / 1P
Pin Header : 2mm pitch
YFW200-04 YEONHO-YFW200-04 Datasheet
244Kb / 1P
Pin Header : 2mm pitch
YFW200-05 YEONHO-YFW200-05 Datasheet
244Kb / 1P
Pin Header : 2mm pitch
More results


Similar Description - YFW2P15MI

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMN15A27K DIODES-ZXMN15A27K_15 Datasheet
670Kb / 8P
150V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Shanghai Leiditech Elec...
LM8S20N15 LEIDITECH-LM8S20N15 Datasheet
2Mb / 5P
150V N-Channel Enhancement Mode MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW7P15AD YFWDIODE-YFW7P15AD Datasheet
2Mb / 5P
-150V P-CHANNEL ENHANCEMENT MODE MOSFET
Re v:2021Y1
YFW7P15AMJ YFWDIODE-YFW7P15AMJ Datasheet
5Mb / 6P
-150V P-CHANNEL ENHANCEMENT MODE MOSFET
Re v:2021Y1
logo
Pan Jit International I...
PJQ5494 PANJIT-PJQ5494 Datasheet
611Kb / 6P
150V N-Channel Enhancement Mode MOSFET
March 27,2018-REV.01
PJD30N15 PANJIT-PJD30N15 Datasheet
422Kb / 8P
150V N-Channel Enhancement Mode MOSFET
November 25,2016-REV.00
PJD40N15 PANJIT-PJD40N15 Datasheet
533Kb / 6P
150V N-Channel Enhancement Mode MOSFET
July 5,2017-REV.00
PJL9480 PANJIT-PJL9480 Datasheet
304Kb / 6P
150V N-Channel Enhancement Mode MOSFET
November 25,2016-REV.00
logo
TECH PUBLIC Electronics...
TPSI3440DV-T1-GE3 TECHPUBLIC-TPSI3440DV-T1-GE3 Datasheet
3Mb / 6P
150V N-Channel Enhancement Mode MOSFET
FDC2512 TECHPUBLIC-FDC2512 Datasheet
3Mb / 6P
150V N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com