| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
8536SEO1V02S
|
127Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 3, 90A, 50 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 120 VAC coil, open
Jun 30, 2022 |
|
8536SCG3V02A3S
|
128Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 1, 27A, 10 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 120 VAC coil, 3 pole, melting alloy, 120 VAC coil,
Jul 21, 2022 |
|
8536SEO1V02SX11
|
139Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 3, 90A, 50 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 120 VAC coil, open
Jul 20, 2022 |
|
8536SEO1V02SY81
|
132Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 3, 90A, 50 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 120 VAC coil, open
Jul 20, 2022 |
|
8536SHO2V02S
|
118Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 6, 540A, 400 HP at 460 VAC, 3 phase, 3 pole, melting alloy, 120 VAC coil, open
Jul 13, 2022 |
|
8536SEO1V02SX20
|
138Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 3, 90A, 50 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 120 VAC coil, open
Aug 11, 2022 |
|
8536SEO1V02SX21
|
138Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 3, 90A, 50 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 120 VAC coil, open
Aug 11, 2022 |
|
8536SHA2V02S
|
94Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 6, 540A, 400 HP at 460 VAC, 3 phase, 3 pole, melting alloy, 120 VAC coil, NEMA 12
Aug 23, 2022 |
|
8536SHO2V02SX22
|
117Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 6, 540A, 400 HP at 460 VAC, 3 phase, 3 pole, meltingalloy, 120 VAC coil, open
Aug 23, 2022 |
|
8536SHO2V06
|
117Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 6, 540A, 400 HP at 460 VAC, 3 phase, 3 pole, melting alloy, 480 VAC coil, open
Aug 23, 2022 |
|