Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLB9665XT2.0 Datasheet (PDF) - Infineon Technologies AG

SLB9665XT2.0 Datasheet PDF - Infineon Technologies AG
Part # SLB9665XT2.0
Download  SLB9665XT2.0 Download
File Size   502.73 Kbytes
Page   25 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Trusted Platform Module

SLB9665XT2.0 Datasheet (PDF)

Go To PDF Page Download Datasheet
SLB9665XT2.0 Datasheet PDF - Infineon Technologies AG

Part # SLB9665XT2.0
Download  SLB9665XT2.0 Click to download

File Size   502.73 Kbytes
Page   25 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Trusted Platform Module

SLB9665XT2.0 Datasheet (HTML) - Infineon Technologies AG


SLB9665XT2.0 Product details

Key Features
• Compliant to TPM Main Specification, Family "2.0", Level 00, Revision 01.16 (see [3])
• LPC interface
• Meets Intel TXT, Microsoft Windows and Google Chromebook certification criteria for successful platform
qualification
• Random Number Generator (RNG) according to NIST SP800-90A
• Full personalization with Endorsement Key (EK) and EK certificate
• Standard (-20..+85°C) and enhanced temperature range (-40..+85°C)
• TSSOP-28 and VQFN-32 package
• Pin-compatible to SLB 9660
• Optimized for battery operated devices: low standby power consumption (typ. 150μA)
• 24 PCRs (SHA-1 or SHA-256)
• 7206 Byte free NV memory
• Up to 3 loaded sessions (TPM_PT_HR_LOADED_MIN)
• Up to 64 active sessions (TPM_PT_ACTIVE_SESSIONS_MAX)
• Up to 3 loaded transient Objects (TPM_PT_HR_TRANSIENT_MIN)
• Up to 7 loaded persistent Objects (TPM_PT_HR_PERSISTENT_MIN)
• Up to 8 NV counters
• Up to 1 kByte for command parameters and response parameters
• Up to 768 Byte for NV read or NV write
• 1280 Byte I/O buffer
• Built-in support by Linux Kernel Version 3.10 and higher




Similar Part No. - SLB9665XT2.0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLB9665XT2.0 INFINEON-SLB9665XT2.0 Datasheet
934Kb / 24P
Trusted Platform Module
Revision 1.0, 2015-10-27
More results


Similar Description - SLB9665XT2.0

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT97SC3201 ATMEL-AT97SC3201 Datasheet
211Kb / 7P
Trusted Platform Module
AT97SC3203 ATMEL-AT97SC3203 Datasheet
216Kb / 8P
Trusted Platform Module
AT97SC3203S ATMEL-AT97SC3203S Datasheet
212Kb / 8P
Trusted Platform Module
AT97SC3203S ATMEL-AT97SC3203S_08 Datasheet
286Kb / 8P
Trusted Platform Module
AT97SC3204 ATMEL-AT97SC3204 Datasheet
107Kb / 10P
Trusted Platform Module
AT97SC3205T ATMEL-AT97SC3205T_14 Datasheet
324Kb / 10P
Trusted Platform Module
logo
Infineon Technologies A...
SLB9660 INFINEON-SLB9660 Datasheet
912Kb / 22P
Trusted Platform Module
Revision 1.0, 2014-12-12
SLM9670AQ2.0 INFINEON-SLM9670AQ2.0 Datasheet
542Kb / 24P
Trusted Platform Module
Revision 1.0 2019-04-08
SLB9670TPM1.2 INFINEON-SLB9670TPM1.2 Datasheet
261Kb / 18P
Trusted Platform Module
Revision 1.3 2018-09-21
SLB9670TPM2.0 INFINEON-SLB9670TPM2.0 Datasheet
283Kb / 21P
Trusted Platform Module
Revision 1.4 2018-12-07
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com