Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FESD5V0B03-0201 Datasheet (PDF) - First Silicon Co., Ltd

FESD5V0B03-0201 Datasheet PDF - First Silicon Co., Ltd
Part # FESD5V0B03-0201
Download  FESD5V0B03-0201 Download
File Size   1262.44 Kbytes
Page   4 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Ultra small package

FESD5V0B03-0201 Datasheet (PDF)

Go To PDF Page Download Datasheet
FESD5V0B03-0201 Datasheet PDF - First Silicon Co., Ltd

Part # FESD5V0B03-0201
Download  FESD5V0B03-0201 Click to download

File Size   1262.44 Kbytes
Page   4 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Ultra small package

FESD5V0B03-0201 Datasheet (HTML) - First Silicon Co., Ltd


FESD5V0B03-0201 Product details

Features
Ultra low capacitance:0.28pF typical
Ultra low leakage: nA level
Low clamping voltage
2-pin leadless package
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±25kV
– IEC61000-4-5 (Lightning)4A (8/20 μs)
RoHS Compliant
Lead Finish: NiPdAu
Low operating voltage: ±5 V
Ultra small package: 0.6x0.3x0.3mm

Applications
Cellular Handsets & Accessories
Digital Visual Interface (DVI)
Display Port
MDDI Ports
USB Ports




Similar Part No. - FESD5V0B03-0201

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
FESD5VB FUTUREWAFER-FESD5VB Datasheet
826Kb / 3P
High Current ESD Protection
FESD5VC2M1L FUTUREWAFER-FESD5VC2M1L Datasheet
546Kb / 1P
Low Clamping Chip Bi-directional TVS diode
FESD5VM FUTUREWAFER-FESD5VM Datasheet
918Kb / 3P
High Current ESD Protection
More results


Similar Description - FESD5V0B03-0201

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5225ASH CYSTEKEC-ZD5225ASH Datasheet
287Kb / 7P
Ultra small surface mount package
logo
Advanced Power Electron...
AP2900EC4 A-POWER-AP2900EC4 Datasheet
98Kb / 7P
Ultra-small Package Outline
AP2904EC4 A-POWER-AP2904EC4 Datasheet
97Kb / 7P
Ultra-small Package Outline
logo
Diodes Incorporated
DMN2300UFL4 DIODES-DMN2300UFL4 Datasheet
236Kb / 7P
Ultra-Small Surface Mount Package
Rev 2
logo
Shanghai Leiditech Elec...
SDA2411DN LEIDITECH-SDA2411DN Datasheet
1Mb / 4P
Ultra small package: 1.0x0.6x0.5mm
logo
First Silicon Co., Ltd
FESD24VB17-1006 FS-FESD24VB17-1006 Datasheet
262Kb / 4P
Ultra small package
2021. 07. 01 Revision No : 0
FTVESD0521PA FS-FTVESD0521PA Datasheet
275Kb / 4P
Ultra small package: 1.0x0.6x0.5mm
2022. 01. 06 Revision No : 0
logo
Shanghai Leiditech Elec...
SPHV24-01ETG LEIDITECH-SPHV24-01ETG Datasheet
960Kb / 4P
Ultra small package: 1.0x0.6x0.5mm
Rev : 01.06.2018
logo
Guangdong Youtai Semico...
PESDR0521P1 UMW-PESDR0521P1 Datasheet
417Kb / 4P
Ultra small package: 1.0x0.6x0.5mm
RCLAMP0521P UMW-RCLAMP0521P Datasheet
411Kb / 4P
Ultra small package: 1.0x0.6x0.5mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com