Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MXA2500GL Datasheet (PDF) - List of Unclassifed Manufacturers

MXA2500GL Datasheet PDF - List of Unclassifed Manufacturers
Part # MXA2500GL
Download  MXA2500GL Download
File Size   335.39 Kbytes
Page   8 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Absolute Outputs

MXA2500GL Datasheet (PDF)

Go To PDF Page Download Datasheet
MXA2500GL Datasheet PDF - List of Unclassifed Manufacturers

Part # MXA2500GL
Download  MXA2500GL Click to download

File Size   335.39 Kbytes
Page   8 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Absolute Outputs

MXA2500GL Datasheet (HTML) - List of Unclassifed Manufacturers


MXA2500GL Product details

[MEMSIC, Inc.]

GENERAL DESCRIPTION
The MXA2500G/M is a low cost, dual axis accelerometer fabricated on a standard, submicron CMOS process. It is a complete sensing system with on-chip mixed mode signal processing. The MXA2500G/M measures acceleration with a full-scale range of ±1.7g and a sensitivity of 500mV/g @5V at 25°C. It can measure both dynamic acceleration (e.g. vibration) and static acceleration (e.g. gravity). The MXA2500G/M design is based on heat convection and requires no solid proof mass. This eliminates stiction and particle problems associated with competitive devices and provides shock survival of 50,000 g, leading to significantly lower failure rate and lower loss due to handling during assembly.

FEATURES
   Resolution better than 1 milli-g
   Dual axis accelerometer fabricated on a monolithic CMOS IC
   On chip mixed mode signal processing
   No moving parts
   50,000 g shock survival rating
   17 Hz bandwidth expandable to >160 Hz
   3.0V to 5.25V single supply continuous operation
   Continuous self test
   Independent axis programmability (special order)
   Internal Sensitivity Compensated

APPLICATIONS
   Automotive – Vehicle Security/Vehicle Stability control/ Headlight Angle Control/Tilt Sensing
   Security – Gas Line/Elevator/Fatigue Sensing/Computer Security
   Information Appliances – Computer Peripherals/PDA’s/Mouse Smart Pens/Cell Phones
   Gaming – Joystick/RF Interface/Menu Selection/Tilt Sensing
   GPS – Electronic compass tilt correction
   Consumer – LCD projectors, pedometers, blood pressure Monitor, digital cameras




Similar Part No. - MXA2500GL

ManufacturerPart #DatasheetDescription
logo
MEMSIC Semiconductor (T...
MXA2500GL MEMSIC-MXA2500GL Datasheet
560Kb / 7P
Improved, Ultra Low Noise ??.7 g Dual Axis Accelerometer with Absolute Outputs
v1.0
More results


Similar Description - MXA2500GL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MXD2020ML ETC-MXD2020ML Datasheet
289Kb / 7P
Improved, Ultra Low Noise Dual Axis Accelerometer with Digital Outputs
MXA2500J ETC1-MXA2500J Datasheet
255Kb / 8P
Ultra Low Cost, 짹1.0 g Dual Axis Accelerometer with Absolute Outputs
MXA6500G ETC1-MXA6500G Datasheet
84Kb / 6P
Low Cost, Low Noise 짹1 g Dual Axis Accelerometer with Absolute Analog Outputs
MXD2020G ETC1-MXD2020G Datasheet
144Kb / 7P
Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Digital Outputs
MXR2312G ETC1-MXR2312G Datasheet
821Kb / 6P
Improved, Ultra Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Outputs
logo
MEMSIC Semiconductor (T...
MXA2500G MEMSIC-MXA2500G Datasheet
560Kb / 7P
Improved, Ultra Low Noise ??.7 g Dual Axis Accelerometer with Absolute Outputs
v1.0
MXD2020G MEMSIC-MXD2020G Datasheet
172Kb / 7P
Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Digital Outputs
Rev.G
MXD2020U MEMSIC-MXD2020U Datasheet
183Kb / 8P
Ultra Low Noise, 짹1 g Dual Axis Accelerometer with Digital Outputs
Rev.G
MXR2999G MEMSIC-MXR2999G Datasheet
179Kb / 6P
Improved 짹1 g Dual Axis Accelerometer with Ratiometric Outputs
Rev.G
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com