Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC2879A Datasheet (PDF) - Analog Devices

DC2879A Datasheet PDF - Analog Devices
Part # DC2879A
Download  DC2879A Download
File Size   757.43 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Density Hybrid Step-Down Synchronous Converter

DC2879A Datasheet (PDF)

Go To PDF Page Download Datasheet
DC2879A Datasheet PDF - Analog Devices

Part # DC2879A
Download  DC2879A Click to download

File Size   757.43 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Density Hybrid Step-Down Synchronous Converter

DC2879A Datasheet (HTML) - Analog Devices


DC2879A Product details

DESCRIPTION
Demonstration circuit 2879A is a high efficiency, high
power density hybrid converter. It can deliver 12V/25A
with an input voltage from 36V to 60V (up to 65V during
transients). This demo board features the LTM®4660,
which uses an architecture that merges soft-switching
switched capacitor topology with a traditional step-down
converter to provide superior efficiency compared to the
traditional switching architectures. It offers a high efficiency/
high density and cost effective solution for nonisolated
intermediate bus applications in power distribution,
datacom and telecom.
Due to its current mode control architecture, multiple
LTM4660s can be operated in a parallel, multiphase configuration
with excellent current sharing and low output
voltage ripple to enable much higher power applications.
Other benefits include low EMI emissions due to a softswitched
front end and reduced MOSFET stress.
The LTM4660 design eliminates the inrush current typically
associated with switched capacitor circuits by prebalancing
the capacitors on start-up. The LTM4660 also
monitors system voltage, current and temperature for
faults. It stops switching and pulls the FAULT pin low
when a fault condition occurs. An onboard timer can be
set for appropriate restart/retry times.
Additional features include ±1.5% output voltage accuracy
over temperature, a clock output for multiphase
operation, a power good output signal, short-circuit protection,
monotonic output voltage start-up, optional external
reference, undervoltage lockout and internal charge
balance circuitry.
The LTM4660 data sheet must be used in conjunction
with this demo board manual.




Similar Part No. - DC2879A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DC2873A AD-DC2873A Datasheet
1Mb / 12P
Evaluating the LTC2688 16-Channel, 16-Bit Voltage Output SoftSpan DAC
6/2021-Revision 0
DC2873A-B AD-DC2873A-B Datasheet
2Mb / 42P
16-Channel, 16-Bit Voltage Output SoftSpan DAC
6/2021-Revision 0
DC2873A-B AD-DC2873A-B Datasheet
2Mb / 45P
16-Channel, 12-/16-Bit Voltage Output SoftSpan DAC
Rev. C
DC2873A-C AD-DC2873A-C Datasheet
2Mb / 45P
16-Channel, 12-/16-Bit Voltage Output SoftSpan DAC
Rev. C
More results


Similar Description - DC2879A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
Synchronous Step-Down Converter
logo
Rohm
BD90521MUV-C ROHM-BD90521MUV-C Datasheet
2Mb / 42P
Synchronous Step-Down Converter
BD90541MUV-C ROHM-BD90541MUV-C Datasheet
2Mb / 40P
Synchronous Step-Down Converter
logo
Union Semiconductor, In...
UM3506QA UNIONSEMI-UM3506QA Datasheet
369Kb / 9P
Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2660 RICHTEK-RT2660 Datasheet
332Kb / 18P
Synchronous Step-Down Converter
RT2856 RICHTEK-RT2856 Datasheet
308Kb / 19P
Synchronous Step-Down Converter
RT2875A RICHTEK-RT2875A Datasheet
295Kb / 16P
Synchronous Step-Down Converter
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
Synchronous Step-Down Converter
RT7249 RICHTEK-RT7249 Datasheet
275Kb / 17P
Synchronous Step-Down Converter
logo
Linear Technology
LTC7821 LINER-LTC7821 Datasheet
1Mb / 36P
Hybrid Step-Down Synchronous Controller
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com