Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM3132 Datasheet (PDF) - California Micro Devices Corp

CM3132 Datasheet PDF - California Micro Devices Corp
Part # CM3132
Download  CM3132 Download
File Size   234.78 Kbytes
Page   11 Pages
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp
Description Triple Linear Voltage Regulator for DDR-I Memory and CPU

CM3132 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM3132 Datasheet PDF - California Micro Devices Corp

Part # CM3132
Download  CM3132 Click to download

File Size   234.78 Kbytes
Page   11 Pages
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp
Description Triple Linear Voltage Regulator for DDR-I Memory and CPU

CM3132 Datasheet (HTML) - California Micro Devices Corp


CM3132 Product details

Product Description
The CM3132 provides an integrated power solution for a CPU core and DDR-I memory for consumer and other embedded applications. It features three independent linear regulators for VCORE, VDDQ and VTT supply regulation. The default voltage for VCORE is 1.5V. The SENSE_CORE pin can be tied to GND for the default voltage, or through a resistor divider for setting the CPU core in the range 1.2V to 1.8V. VDDQ is internally set to 2.50V and the VTT voltage is always half the VDDQ voltage. A capacitor should be connected to each of the three outputs.

Features
• Fully integrated power solution for a CPU/SOC core and DDR-I memory ICs
• Lowest system cost and smallest footprint with just three external output capacitors
• Three linear regulators for VCORE (1.5A), VDDQ (1.5A), and VTT (0.5A, source-sink)
• VDDQ = 2.5V, VTT = VDDQ/2 ±25mV
• VCORE is adjustable, with a default output of 1.5V
• Over-temperature and reverse current protection
• Overcurrent protection for all regulators
• PSOP-8 package with integrated heat spreader
• Lead-free version available

Applications
• Core CPU and DDR-I memory power for:
    − Set Top Boxes, DVD Players, Games
    − Digital TVs, Flat Panel Displays
    − Printers, Digital Projectors
    − Embedded systems
    − Communications systems




Similar Part No. - CM3132

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM313 CML-CM313 Datasheet
23Kb / 1P
T-3 1/4 Miniature Bayonet Base
logo
Visual Communications C...
CM313 VCC-CM313 Datasheet
26Kb / 1P
Bayonet Base, Screw Base
logo
California Micro Device...
CM3131 CALMIRCO-CM3131 Datasheet
367Kb / 10P
Triple Linear Voltage Regulator for DDR-I/-II Memory
CM3131-01SB CALMIRCO-CM3131-01SB Datasheet
367Kb / 10P
Triple Linear Voltage Regulator for DDR-I/-II Memory
CM3131-01SH CALMIRCO-CM3131-01SH Datasheet
367Kb / 10P
Triple Linear Voltage Regulator for DDR-I/-II Memory
More results


Similar Description - CM3132

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3121 CALMIRCO-CM3121 Datasheet
219Kb / 11P
Dual Linear Voltage Regulator for DDR-I and DDR-II Memory
logo
Maxim Integrated Produc...
MAX1510 MAXIM-MAX1510 Datasheet
415Kb / 13P
Low-Voltage DDR Linear Regulator
Rev 0; 5/04
logo
California Micro Device...
CM3131 CALMIRCO-CM3131 Datasheet
367Kb / 10P
Triple Linear Voltage Regulator for DDR-I/-II Memory
logo
Maxim Integrated Produc...
MAX8794 MAXIM-MAX8794 Datasheet
386Kb / 13P
Low-Voltage DDR Linear Regulator
Rev 0; 8/06
MAX8794 MAXIM-MAX8794_07 Datasheet
276Kb / 14P
Low-Voltage DDR Linear Regulator
Rev 1; 10/07
logo
Intersil Corporation
LP2998 INTERSIL-LP2998 Datasheet
338Kb / 18P
DDR-II and DDR-I Termination Regulator
December 12, 2007
logo
Maxim Integrated Produc...
MAX8794 MAXIM-MAX8794_10 Datasheet
258Kb / 13P
Low-Voltage DDR Linear Regulator
Rev 2; 3/10
logo
Texas Instruments
LP2998MRX TI-LP2998MRX Datasheet
1Mb / 26P
LP2998 DDR-I and DDR-II Termination Regulator
logo
ON Semiconductor
NCP51198 ONSEMI-NCP51198 Datasheet
111Kb / 9P
DDR Memory Termination Regulator
April, 2015 ??Rev. 3
logo
Linear Technology
LTM4632 LINER-LTM4632 Datasheet
1Mb / 28P
Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
More results




About California Micro Devices Corp


California Micro Devices Corp (CMD) was a semiconductor company that was headquartered in Milpitas, California, USA. The company specialized in the design and manufacture of protection devices, interface products, and mixed-signal integrated circuits for the consumer, computing, and communications markets.

CMD's products included ESD (Electrostatic Discharge) protection devices, TVS (Transient Voltage Suppression) diodes, and low-capacitance EMI (Electromagnetic Interference) filters. These products were used to protect electronic circuits from damage caused by electrostatic discharge, voltage transients, and electromagnetic interference.

CMD was founded in 1986 and became a publicly-traded company in 1993. In 2012, CMD was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions. Today, many of CMD's products are sold under ON Semiconductor's brand.

Overall, CMD was a trusted and reputable supplier of protection devices and interface products, with a strong reputation for quality and reliability.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com