Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1714984 Datasheet (PDF) - Infineon Technologies AG

1714984 Datasheet PDF - Infineon Technologies AG
Part # 1714984
Download  1714984 Download
File Size   731.27 Kbytes
Page   26 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description iMOTION™ Modular Application Design Kit

1714984 Datasheet (PDF)

Go To PDF Page Download Datasheet
1714984 Datasheet PDF - Infineon Technologies AG

Part # 1714984
Download  1714984 Click to download

File Size   731.27 Kbytes
Page   26 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description iMOTION™ Modular Application Design Kit

1714984 Datasheet (HTML) - Infineon Technologies AG


1714984 Product details

Eval-M1-CM610N3 is an evaluation board formotor drive applications based on a 3-phase IPM. Combined in a
kit with one of the available MADK control board options, it demonstrates Infineon's IPM technology formotor
drives. The kit demonstrates Infineon’s IPM technology formotor drives.
Main features of CIPOS™ Mini IPM IKCM10H60GA are:
• TRENCHSTOP™ IGBTs
• Maximum blocking voltage VCES= 600V
• Maximum output current at 25°C case temperature IC= 10A
• Fully isolated Dual In-Linemoldedmodule
• Rugged SOI gate driver technology with stability against transient and negative voltages
• Negative potential allowed up to VS = -11V for signal transmission at VBS= 15V
• Integrated bootstrap functionality
• Overcurrent shutdown
• Temperaturemonitoring
• Undervoltage lockout at all channels
• Low side emitter pins accessible for phase currentmonitoring in open emitter configuration
• Cross conduction prevention
• All six switches turn off during protection
• Lead-free terminal plating; RoHS compliant
The evaluation board characteristics are:
• Nominal input voltage 220 VAC
• Maximum 750 Wmotor power output
• On board EMI filter
• Current sensing for each phase configured by default
• Overcurrent protection
• Overtemperature hardware protection
• Sensing of DC-link voltage
• Thermistor output
• Fault diagnostic output
• Measurement test-points compatible to standard oscilloscope probes
• PCB is 120mmx 120mmand has two layers with 35 μmcopper each
• RoHS complaint




Similar Part No. - 1714984

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1714984 PHOENIX-1714984 Datasheet
140Kb / 5P
MKDS 5/ 3-9,5
logo
Infineon Technologies A...
1714984 INFINEON-1714984 Datasheet
1Mb / 41P
iMOTION™ Modular Application Design Kit
Revision 1.4 2019-10-11
More results


Similar Description - 1714984

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
UG2020-29 INFINEON-UG2020-29 Datasheet
3Mb / 39P
EVAL-M1-IM535 user guide iMOTION??modular application design kit
V1.0 2020-09-30
EVAL-M1-05-65D INFINEON-EVAL-M1-05-65D Datasheet
1Mb / 28P
iMOTION™ Modular Application Design Kit
Revision 2.1 2018-07-09
EVAL-M1-101T INFINEON-EVAL-M1-101T Datasheet
1Mb / 33P
iMOTION™ Modular Application Design Kit
Revision 1.6 2018-11-27
EVAL-M1-36-45A INFINEON-EVAL-M1-36-45A Datasheet
967Kb / 30P
iMOTION Modular Application Design Kit
Revision 1.2 2018-09-23
EVAL-M1-IM240-A INFINEON-EVAL-M1-IM240-A Datasheet
1Mb / 36P
iMOTION™ modular application design kit
Revision 1.1 2020-09-29
EVAL-M1-IM818-A INFINEON-EVAL-M1-IM818-A Datasheet
1Mb / 35P
Modular application design kit (MADK) of IM818
Revision 1.4 2021-09-10
EVAL-M3-102T INFINEON-EVAL-M3-102T Datasheet
1Mb / 41P
iMOTION™ Modular Application Design Kit
Revision 1.6 2019-07-16
EVAL-M3-CM615PN INFINEON-EVAL-M3-CM615PN Datasheet
1Mb / 41P
iMOTION™ Modular Application Design Kit
Revision 1.4 2019-10-11
EVAL-M3-IM564 INFINEON-EVAL-M3-IM564 Datasheet
2Mb / 47P
iMOTION™ Modular Application Design Kit
Revision 1.4 2020-07-16
UG-2021-01 INFINEON-UG-2021-01 Datasheet
1Mb / 38P
iMOTION™ modular application design kit
V0.1 2021-03-19
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com