Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G16 Datasheet (PDF) - Vishay Siliconix

G16 Datasheet PDF - Vishay Siliconix
Part # G16
Download  G16 Download
File Size   131.91 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Rack and Panel Connectors Side Mount

G16 Datasheet (PDF)

Go To PDF Page Download Datasheet
G16 Datasheet PDF - Vishay Siliconix

Part # G16
Download  G16 Click to download

File Size   131.91 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Rack and Panel Connectors Side Mount

G16 Datasheet (HTML) - Vishay Siliconix


G16 Product details

FEATURES
• Body components available with any desired pin and
socket combination
• Floating contacts aid in withstanding vibration
• Locking device permits secure mount of individual sections
or complete component

MATERIAL SPECIFICATIONS
Standard Body: Glass-filled diallyl phthalate per ASTM
D 5948-96 green, flame retardant
Pin Contacts: Brass 
Socket Contacts: Phosphor bronze 
Contact Plating: Gold, 10 micro-inches

PHYSICAL SPECIFICATIONS
Minimum Creepage between Contacts: 0.20" [5.16 mm]
Minimum Air Space between Contacts: 0.16" [3.97 mm]
Maximum Wire Size: #16 AWG




Similar Part No. - G16

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
G16 TAYCHIPST-G16 Datasheet
1Mb / 3P
Silicon Z?밆iodes
logo
American Accurate Compo...
G160 AAC-G160 Datasheet
317Kb / 2P
SOLAR PANEL 160 W EFFICIENT, RELIABLE, AND DURABLE
logo
Shenzhen Taychipst Elec...
G160 TAYCHIPST-G160 Datasheet
1Mb / 3P
Silicon Z?밆iodes
logo
Global Mixed-mode Techn...
G1603 GMT-G1603 Datasheet
98Kb / 1P
Programmable 121 Channel Voltage Buffers with NVM for TFT LCD
G1606 GMT-G1606 Datasheet
71Kb / 1P
Programmable 162 Channel Voltage Buffers with NVM for TFT LCD
More results


Similar Description - G16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
Rack and Panel Connectors
22-Aug-00
logo
ITT Industries
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
Rack and Panel Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
Rack and Panel Connectors
15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
Rack and Panel Connectors
08-Feb-07
G16P-AB VISHAY-G16P-AB Datasheet
375Kb / 2P
Rack and Panel Connectors Side Mount
08-Feb-07
G20P-A VISHAY-G20P-A Datasheet
325Kb / 2P
Rack and Panel Connectors Side Mount
14-Feb-07
logo
ITT Industries
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
Cannon Rack and Panel Connectors
logo
Vishay Siliconix
A20 VISHAY-A20_V01 Datasheet
459Kb / 3P
Rack and Panel Connectors Side Mount
08-Feb-07
G20 VISHAY-G20 Datasheet
330Kb / 2P
Rack and Panel Connectors Side Mount
14-Feb-07
logo
Amphenol Sine Systems C...
PRM ASS-PRM Datasheet
2Mb / 6P
Panel Rack Mount Power Connectors
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com