Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNK304DN-TL Datasheet (PDF) - Infineon Technologies AG

LNK304DN-TL Datasheet PDF - Infineon Technologies AG
Part # LNK304DN-TL
Download  LNK304DN-TL Download
File Size   967.24 Kbytes
Page   30 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description iMOTION Modular Application Design Kit

LNK304DN-TL Datasheet (PDF)

Go To PDF Page Download Datasheet
LNK304DN-TL Datasheet PDF - Infineon Technologies AG

Part # LNK304DN-TL
Download  LNK304DN-TL Click to download

File Size   967.24 Kbytes
Page   30 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description iMOTION Modular Application Design Kit

LNK304DN-TL Datasheet (HTML) - Infineon Technologies AG


LNK304DN-TL Product details

The following sections provide an overview of the board including main attributes, key data, pin assignments
and mechanical dimensions. EVAL-M1-36-45A is a complete evaluation board including a 3-phase IPM for motor
drive applications. The board demonstrates Infineon’s IPM technology for motor drives.
CIPOS™ Nano Intelligent Power Module (IRSM836-045MA) features are:
• 3-phase inverter including high voltage gate drivers
• Integrated bootstrap functionality
• Trench FREDFET with 1.7 Ω @ 25°C RDS(on)
• Under-voltage lockout for all channels
• Matched propagation delay for all channels
• Optimized dV/dt for loss and EMI trade off
• 3.3 V logic compatible and advanced input filter
• RoHS compliant
• Certified by UL - File Number E252584
The major functionalities of the board are:
• Nominal input voltage 220 VAC
• Up to 85 W motor power without heatsink
• Current sensing for each phase configured
• Fault diagnostic output
• PCB is 90 x 75 mm and has two layers with 35 μm copper each




Similar Part No. - LNK304DN-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK304DN-TL POWERINT-LNK304DN-TL Datasheet
712Kb / 20P
LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK304DN-TL POWERINT-LNK304DN-TL Datasheet
712Kb / 20P
LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
Infineon Technologies A...
LNK304DN-TL INFINEON-LNK304DN-TL Datasheet
1Mb / 28P
iMOTION™ Modular Application Design Kit
Revision 2.1 2018-07-09
logo
Power Integrations, Inc...
LNK304DN-TL POWERINT-LNK304DN-TL Datasheet
1Mb / 19P
Lowest Component Count, Energy-Efficient Off-Line Switcher IC
December 2021
More results


Similar Description - LNK304DN-TL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
UG2020-29 INFINEON-UG2020-29 Datasheet
3Mb / 39P
EVAL-M1-IM535 user guide iMOTION??modular application design kit
V1.0 2020-09-30
EVAL-M1-05-65D INFINEON-EVAL-M1-05-65D Datasheet
1Mb / 28P
iMOTION™ Modular Application Design Kit
Revision 2.1 2018-07-09
EVAL-M1-101T INFINEON-EVAL-M1-101T Datasheet
1Mb / 33P
iMOTION™ Modular Application Design Kit
Revision 1.6 2018-11-27
EVAL-M1-CM610N3 INFINEON-EVAL-M1-CM610N3 Datasheet
731Kb / 26P
iMOTION™ Modular Application Design Kit
Revision 1.0 2017-05-22
EVAL-M1-IM240-A INFINEON-EVAL-M1-IM240-A Datasheet
1Mb / 36P
iMOTION™ modular application design kit
Revision 1.1 2020-09-29
EVAL-M1-IM818-A INFINEON-EVAL-M1-IM818-A Datasheet
1Mb / 35P
Modular application design kit (MADK) of IM818
Revision 1.4 2021-09-10
EVAL-M3-102T INFINEON-EVAL-M3-102T Datasheet
1Mb / 41P
iMOTION™ Modular Application Design Kit
Revision 1.6 2019-07-16
EVAL-M3-CM615PN INFINEON-EVAL-M3-CM615PN Datasheet
1Mb / 41P
iMOTION™ Modular Application Design Kit
Revision 1.4 2019-10-11
EVAL-M3-IM564 INFINEON-EVAL-M3-IM564 Datasheet
2Mb / 47P
iMOTION™ Modular Application Design Kit
Revision 1.4 2020-07-16
UG-2021-01 INFINEON-UG-2021-01 Datasheet
1Mb / 38P
iMOTION™ modular application design kit
V0.1 2021-03-19
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com