Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1842979 Datasheet (PDF) - PHOENIX CONTACT

1842979 Datasheet PDF - PHOENIX CONTACT
Part # 1842979
Download  1842979 Download
File Size   659.01 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - MCD 1,5/ 8-G1F-3,81

1842979 Datasheet (PDF)

Go To PDF Page Download Datasheet
1842979 Datasheet PDF - PHOENIX CONTACT

Part # 1842979
Download  1842979 Click to download

File Size   659.01 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - MCD 1,5/ 8-G1F-3,81

1842979 Datasheet (HTML) - PHOENIX CONTACT


1842979 Product details

PCB headers, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage (III/2): 160 V, contact surface: Tin, type of contact: Male connector, number of potentials: 16,number of rows: 2, number of positions: 8, number of connections: 16, product range: MCD 1,5/..-G1F, pitch: 3.81 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.5mm, number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin connector pattern alignment: Standard, locking: Screw locking, mounting: Threaded flange, type of packaging: packed in cardboard, In combination with MCV plug components, both an MCVW and an MCVR plug must be used.

Your advantages
• Well-known mounting principle allows worldwide use
• Screwable flange for superior mechanical stability
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Conductor connection on several levels enables higher contact density




Similar Part No. - 1842979

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1842970000 WEIDMULLER-1842970000 Datasheet
320Kb / 5P
SL-SMT 3.50/22/180F 3.2SN BK BX
More results


Similar Description - 1842979

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1842924 PHOENIX-1842924 Datasheet
104Kb / 6P
Base strip - MCD 1,5/ 3-G1F-3,81
1842953 PHOENIX-1842953 Datasheet
104Kb / 6P
Base strip - MCD 1,5/ 6-G1F-3,81
1843062 PHOENIX-1843062 Datasheet
87Kb / 5P
Base strip - MCD 1,5/16-G1F-3,81
1732658 PHOENIX-1732658 Datasheet
57Kb / 4P
Printed-circuit board connector - MCD 1,5/14-G1F-3,81 BK
1843033 PHOENIX-1843033 Datasheet
90Kb / 5P
Base strip - MCD 1,5/13-G1F-3,81
1830130 PHOENIX-1830130 Datasheet
1Mb / 16P
PCB header - MCD 1,5/ 5-GF-3,81
Jan 3, 2023
1842827 PHOENIX-1842827 Datasheet
775Kb / 17P
PCB header - MCDV 1,5/ 8-G1F-3,81
1842940 PHOENIX-1842940 Datasheet
666Kb / 17P
PCB header - MCD 1,5/ 5-G1F-3,81
1843059 PHOENIX-1843059 Datasheet
666Kb / 17P
PCB header - MCD 1,5/15-G1F-3,81
1830169 PHOENIX-1830169 Datasheet
1,010Kb / 16P
MCD 1,5/ 8-GF-3,81 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com