Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GVS148TX Datasheet (PDF) - IOGEAR

GVS148TX Datasheet PDF - IOGEAR
Part # GVS148TX
Download  GVS148TX Download
File Size   156.9 Kbytes
Page   3 Pages
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR
Description 8-Port VGA CAT5e/6 Audio / Video Splitter

GVS148TX Datasheet (PDF)

Go To PDF Page Download Datasheet
GVS148TX Datasheet PDF - IOGEAR

Part # GVS148TX
Download  GVS148TX Click to download

File Size   156.9 Kbytes
Page   3 Pages
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR
Description 8-Port VGA CAT5e/6 Audio / Video Splitter

GVS148TX Datasheet (HTML) - IOGEAR


GVS148TX Product details

The GVS148TX is an 8-port VGA audio video splitter best for splitting and carrying audio / video signals to more than eight monitors
or displays with the same quality as the original signal. By utilizing CAT5e/6 cables the unit is able to extend audio / video signals
over 900ft to eight remote* monitors or displays with powered speakers. Operating with a bandwidth of 225MHz allows for the
transmission of large amounts of information at a very high rate of speed capable of high resolution settings of up to 1920x1200. Can
receive audio / video signals over 900ft and offers a superior RGB Deskew function.

Split and extend 1 VGA source with audio over 8 VGA monitors and
powered speakers via CAT5e/6
Audio enabled (mono)
High resolution 1920 x 1200 @ 60Hz
Provides local VGA video and 3.5mm audio port
Supports up to 225MHz bandwidth
Built-in 8KV / 15KV ESD protection
Connect with VGA CAT5e/6 Audio / Video Receiver (Part No:
GVE140RX)*
Extends up to 300m (990ft) away from the receiver unit*
High resolution support
1920x1200 @ 60Hz for 495ft (150m)
1280x1024 @ 60Hz for 990ft (300m)*
Plug-n-Play




Similar Part No. - GVS148TX

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
GVS L-COM-GVS Datasheet
114Kb / 1P
AC PEM C14 PANEL FLANGE 2.8mm SOLDER TERMINALS
11/07/2023
logo
Level One
GVS-3110 LVL1-GVS-3110 Datasheet
1Mb / 3P
ICMP and ARP protocols supported
GVS-3200 LVL1-GVS-3200 Datasheet
1Mb / 3P
ICMP and ARP protocols supported
GVS-3800 LVL1-GVS-3800 Datasheet
1Mb / 3P
ICMP and ARP protocols supported
logo
Galaxy Semi-Conductor H...
GVS22F BILIN-GVS22F Datasheet
449Kb / 4P
Schottky Barrier Rectifiers
More results


Similar Description - GVS148TX

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B114002R TRIPPLITE-B114002R Datasheet
491Kb / 2P
2-Port VGA-SVGA Video Splitter with Signal Booster, High Resolution Video, 350MHz, (HD15 M-2xF)
B114004R TRIPPLITE-B114004R Datasheet
481Kb / 2P
4-Port VGA-SVGA Video Splitter with Signal Booster, High Resolution Video, 350MHz, (HD15 M-4xF)
B118008UHD TRIPPLITE-B118008UHD Datasheet
482Kb / 2P
8-Port 4K HDMI Splitter for Ultra-HD (4Kx2K) Video and Audio - 3840x2160
B155-002-VGA TRIPPLITE-B155-002-VGA Datasheet
498Kb / 2P
2-Port Mini DisplayPort to VGA Splitter
B157-002-VGA TRIPPLITE-B157-002-VGA Datasheet
499Kb / 2P
2-Port DisplayPort to VGA Splitter
logo
IOGEAR
GHSP8218E IOGEAR-GHSP8218E Datasheet
151Kb / 2P
8-Port Cat 5e/6 Splitter wIth HDMI Connectors
GVS62 IOGEAR-GVS62 Datasheet
142Kb / 2P
2-Port VGA Video Splitter
GVS72 IOGEAR-GVS72 Datasheet
129Kb / 2P
2-Port VGA Video Splitter
GVS74 IOGEAR-GVS74 Datasheet
133Kb / 3P
4-Port VGA Video Splitter
GVS78 IOGEAR-GVS78 Datasheet
136Kb / 2P
8-Port VGA Video Splitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com