Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F52306ADLA20 Datasheet (PDF) - Renesas Technology Corp

R5F52306ADLA20 Datasheet PDF - Renesas Technology Corp
Part # R5F52306ADLA20
Download  R5F52306ADLA20 Download
File Size   4008.38 Kbytes
Page   170 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory, various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD hostnterface,serial sound interface, capacitive touch sensing unit,

R5F52306ADLA20 Datasheet (PDF)

Go To PDF Page Download Datasheet
R5F52306ADLA20 Datasheet PDF - Renesas Technology Corp

Part # R5F52306ADLA20
Download  R5F52306ADLA20 Click to download

File Size   4008.38 Kbytes
Page   170 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory, various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD hostnterface,serial sound interface, capacitive touch sensing unit,

R5F52306ADLA20 Datasheet (HTML) - Renesas Technology Corp


R5F52306ADLA20 Product details

Features
■ 32-bit RXv2 CPU core
• Max. operating frequency: 54 MHz
Capable of 88.56 DMIPS in operation at 54 MHz
• Enhanced DSP: 32-bit multiply-accumulate and 16-bit
multiply-subtract instructions supported
• Built-in FPU: 32-bit single-precision floating point (compliant to
IEEE754)
• Divider (fastest instruction execution takes two CPU clock cycles)
• Fast interrupt
• CISC Harvard architecture with 5-stage pipeline
• Variable-length instructions, ultra-compact code
• On-chip debugging circuit
• Memory protection unit (MPU) supported
■ Low power design and architecture
• Operation from a single 1.8-V to 5.5-V supply
• RTC capable of operating on the battery backup power supply
• Three low power consumption modes
• Low power timer (LPT) that operates during the software standby state
■ On-chip flash memory for code
• 128- to 512-Kbyte capacities
• On-board or off-board user programming
• Programmable at 1.8 V
• For instructions and operands
■ On-chip data flash memory
• 8 Kbytes (1,000,000 program/erase cycles (typ.))
• BGO (Background Operation)
■ On-chip SRAM, no wait states
• 32- to 64-Kbyte size capacities
■ Data transfer functions
• DMAC: Incorporates four channels
• DTC: Four transfer modes
■ ELC
• Module operation can be initiated by event signals without using
interrupts.
• Linked operation between modules is possible while the CPU is sleeping.
■ Reset and supply management
• Eight types of reset, including the power-on reset (POR)
• Low voltage detection (LVD) with voltage settings
■ Clock functions
• Main clock oscillator frequency: 1 to 20 MHz
• External clock input frequency: Up to 20 MHz
• Sub-clock oscillator frequency: 32.768 kHz
• PLL circuit input: 4 MHz to 12.5 MHz
• On-chip low- and high-speed oscillators, dedicated on-chip low-speed
oscillator for the IWDT
• USB-dedicated PLL circuit: 4, 6, 8, or 12 MHz
54 MHz can be set for the system clock and 48 MHz for the USB clock
• Generation of a dedicated 32.768-kHz clock for the RTC
• Clock frequency accuracy measurement circuit (CAC)
■ Realtime clock
• Adjustment functions (30 seconds, leap year, and error)
• Calendar count mode or binary count mode selectable
• Time capture function
• Time capture on event-signal input through external pins
■ Independent watchdog timer
• 15-kHz on-chip oscillator produces a dedicated clock signal to drive
IWDT operation.
■ Useful functions for IEC60730 compliance
• Self-diagnostic and disconnection-detection assistance functions for
the A/D converter, clock frequency accuracy measurement circuit,
independent watchdog timer, RAM test assistance functions using the
DOC, etc.
■ External address space
• Four CS areas (4 × 16 Mbytes)
• 8- or 16-bit bus space is selectable per area
■ MPC
• Input/output functions selectable from multiple pins




Similar Part No. - R5F52306ADLA20

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F52306ADLA RENESAS-R5F52306ADLA Datasheet
2Mb / 177P
54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52306ADLA#20 RENESAS-R5F52306ADLA#20 Datasheet
2Mb / 177P
54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Similar Description - R5F52306ADLA20

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX23T RENESAS-RX23T Datasheet
1Mb / 98P
40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX634 RENESAS-RX634 Datasheet
902Kb / 106P
54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX671 RENESAS-RX671 Datasheet
2Mb / 178P
120-MHz 32-bit RX MCU, on-chip double-precision FPU, 707 CoreMark, up to 2-MB flash memory (supporting the dual bank function), 384-KB SRAM, various communications interfaces, including SD host interface, Quad SPI, and CAN, Capacitive touch sensing unit,
Apr 15, 2022
RX111 RENESAS-RX111_V01 Datasheet
1Mb / 127P
32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
May 31, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com