Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

199D1061003A23 Datasheet (PDF) - Vishay Siliconix

199D1061003A23 Datasheet PDF - Vishay Siliconix
Part # 199D1061003A23
Download  199D1061003A23 Download
File Size   119.2 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description olid-Electrolyte TANTALEX™ Capacitors, Resin-Coated, Radial-Lead

199D1061003A23 Datasheet (PDF)

Go To PDF Page Download Datasheet
199D1061003A23 Datasheet PDF - Vishay Siliconix

Part # 199D1061003A23
Download  199D1061003A23 Click to download

File Size   119.2 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description olid-Electrolyte TANTALEX™ Capacitors, Resin-Coated, Radial-Lead

199D1061003A23 Datasheet (HTML) - Vishay Siliconix


199D1061003A23 Product details

FEATURES
• Terminations: tin / lead (SnPb), 100 % tin (Sn)
• Economy and high performance are combined
in these radial-lead, solid-electrolyte
TANTALEX™ capacitors
• Rugged, reliable capacitors featuring low
leakage current and low dissipation factor
• Six miniature case sizes and five lead styles. All case sizes
are available in standard tape and reel packaging per
EIA-468
• Standard ratings include replacements for type 196D
capacitors
• Lead (Pb)-free capacitors have “L” in body marking
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details

APPLICATIONS
Suitable for a broad range of consumer, commercial and
industrial equipment
Life Test: capacitors shall withstand rated DC voltage
applied at +85 °C for 1000 h with a circuit resistance not
greater than 3 .
Following the life test:
1. DCL shall not exceed 125 % of the initial requirements
2. Dissipation factor shall meet the initial requirement
3. Change in capacitance shall not exceed ± 10 %




Similar Part No. - 199D1061003A23

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
199D106(1)003A(2)(3) VISHAY-199D106(1)003A(2)(3) Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
29-Nov-12
199D106003A VISHAY-199D106003A Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
29-Nov-12
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
29-Nov-12
More results


Similar Description - 199D1061003A23

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ETQW VISHAY-ETQW Datasheet
114Kb / 7P
RESIN-COATED, RADIAL-LEAD TANTALUM CAPACITORS
15-Aug-02
ETQW VISHAY-ETQW_08 Datasheet
405Kb / 8P
Resin-Coated, Radial-Lead Tantalum Capacitors
12-Jun-06
199D226X0016DA1 VISHAY-199D226X0016DA1 Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
29-Nov-12
199D336X9010DE2 VISHAY-199D336X9010DE2 Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
29-Nov-12
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
29-Nov-12
199D225X9050C1V1E3 VISHAY-199D225X9050C1V1E3 Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
29-Nov-12
logo
MERITEK ELECTRONICS COR...
NTIC MERITEK-NTIC Datasheet
3Mb / 20P
Radial lead resin coated
logo
Vishay Siliconix
199D VISHAY-199D Datasheet
60Kb / 4P
Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
07-May-03
489D-499D VISHAY-489D-499D Datasheet
129Kb / 10P
Resin-Coated, Radial-Lead Solid Tantalum Capacitors
04-Aug-2020
299D VISHAY-299D Datasheet
132Kb / 8P
Solid-Electrolyte TANTALEX® Capacitors, Tripole Triple-Lead, Resin-Coated
06-Aug-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com