Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22201C104J4Z4A Datasheet (PDF) - Kyocera Kinseki Corpotation

22201C104J4Z4A Datasheet PDF - Kyocera Kinseki Corpotation
Part # 22201C104J4Z4A
Download  22201C104J4Z4A Download
File Size   808.36 Kbytes
Page   5 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description MLCC with FLEXITERM®

22201C104J4Z4A Datasheet (PDF)

Go To PDF Page Download Datasheet
22201C104J4Z4A Datasheet PDF - Kyocera Kinseki Corpotation

Part # 22201C104J4Z4A
Download  22201C104J4Z4A Click to download

File Size   808.36 Kbytes
Page   5 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description MLCC with FLEXITERM®

22201C104J4Z4A Datasheet (HTML) - Kyocera Kinseki Corpotation


22201C104J4Z4A Product details

GENERAL DESCRIPTION
With increased requirements from the automotive industry for additional component robustness, AVX recognized
the need to produce a MLCC with enhanced mechanical strength. It was noted that many components may
be subject to severe flexing and vibration when used in various under the hood automotive and other harsh
environment applications.
To satisfy the requirement for enhanced mechanical strength, AVX had to find a way of ensuring electrical
integrity is maintained whilst external forces are being applied to the component. It was found that the structure
of the termination needed to be flexible and after much research and development, AVX launched FLEXITERM®.
FLEXITERM® is designed to enhance the mechanical flexure and temperature cycling performance of a standard
ceramic capacitor with an X7R dielectric. The industry standard for flexure is 2mm minimum. Using FLEXITERM®,
AVX provides up to 5mm of flexure without internal cracks. Beyond 5mm, the capacitor will generally fail “open”.
As well as for automotive applications FLEXITERM® will provide Design Engineers with a satisfactory solution
when designing PCB’s which may be subject to high levels of board flexure.

PRODUCT ADVANTAGES
• High mechanical performance able to withstand,
5mm bend test guaranteed
• Increased temperature cycling performance, 3000
cycles and beyond
• Flexible termination system
• Reduction in circuit board flex failures
• Base metal electrode system
• Automotive or commercial grade products available
• AECQ200 Qualified
• Approved to VW 80808 Specification

APPLICATIONS
High Flexure Stress Circuit Boards
• e.g. Depanelization: Components near edges of board.
Variable Temperature Applications
• Soft termination offers improved reliability performance in
applications where there is temperature variation.
• e.g. All kind of engine sensors: Direct connection to battery rail.
Automotive Applications
• Improved reliability.
• Excellent mechanical performance and thermo mechanical
performance.




Similar Part No. - 22201C104J4Z4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
22201C104J4Z4A AVX-22201C104J4Z4A Datasheet
199Kb / 5P
MLCC with FLEXITERM General Specifications
More results


Similar Description - 22201C104J4Z4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06035C104JAZ2A AVX-06035C104JAZ2A Datasheet
199Kb / 5P
MLCC with FLEXITERM
06031C102K4Z2A AVX-06031C102K4Z2A Datasheet
199Kb / 5P
MLCC with FLEXITERM
12101C225K4Z2A AVX-12101C225K4Z2A Datasheet
199Kb / 5P
MLCC with FLEXITERM General Specifications
18121C225KAZ2A AVX-18121C225KAZ2A Datasheet
199Kb / 5P
MLCC with FLEXITERM General Specifications
080552C104KAZA AVX-080552C104KAZA Datasheet
199Kb / 5P
MLCC with FLEXITERM
12101C225KAZ2A AVX-12101C225KAZ2A Datasheet
199Kb / 5P
MLCC with FLEXITERM General Specifications
12065C334KAZ2A AVX-12065C334KAZ2A Datasheet
225Kb / 6P
MLCC with FLEXITERM
1206CC103KAZ1A AVX-1206CC103KAZ1A Datasheet
57Kb / 2P
High Voltage MLC Chips FLEXITERM
12105C475KAZ2A AVX-12105C475KAZ2A Datasheet
225Kb / 6P
MLCC with FLEXITERM General Specifications
logo
Kyocera Kinseki Corpota...
HV-FLEXITERMMLCC KSS-HV-FLEXITERMMLCC Datasheet
553Kb / 5P
FLEXITERM® - 600V to 5000V Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com