Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACHS-7124 Datasheet (PDF) - Broadcom Corporation.

ACHS-7124 Datasheet PDF - Broadcom Corporation.
Part # ACHS-7124
Download  ACHS-7124 Download
File Size   1405.38 Kbytes
Page   16 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 3 kVRMS Isolation and Low-Resistance Current Conductor

ACHS-7124 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACHS-7124 Datasheet PDF - Broadcom Corporation.

Part # ACHS-7124
Download  ACHS-7124 Click to download

File Size   1405.38 Kbytes
Page   16 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 3 kVRMS Isolation and Low-Resistance Current Conductor

ACHS-7124 Datasheet (HTML) - Broadcom Corporation.


ACHS-7124 Product details

Features
Wide operating temperature: –40ºC to +110ºC
Internal conductor resistance: 0.7 mΩ typ.
Sensing current range ±40A and ±50A (see the table footnotea under the part number table to the left)
Output sensitivity: 40mV/A to 50 mV/A
Output voltage proportional to AC or DC currents
Ratiometric output from supply voltage
Single supply operation: 5.0V
Low-noise analog signal path
Device bandwidth is set using the new FILTER pin: 80-kHz typ. Bandwidth with 1-nF filter capacitor
Factory-trimmed for accuracy
Extremely stable output offset voltage
Near zero magnetic hysteresis
Typical total output error of ±1.5%
>25 kV/μs common-mode Transient Immunity
Small footprint, low-profile SO-8 package
Worldwide safety approvals: UL; CSA; Isolation Voltage: 3 kVrms, 1 minute

Applications
Low-power inverter current sensing
Motor phase and rail current sensing
Solar inverters
Chargers and converters
Switching power supplies




Similar Part No. - ACHS-7124

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACHS-7121 BOARDCOM-ACHS-7121 Datasheet
827Kb / 14P
Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 3 kVRMS Isolation and Low-Resistance Current Conductor
ACHS-7122 BOARDCOM-ACHS-7122 Datasheet
827Kb / 14P
Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 3 kVRMS Isolation and Low-Resistance Current Conductor
ACHS-7123 BOARDCOM-ACHS-7123 Datasheet
827Kb / 14P
Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 3 kVRMS Isolation and Low-Resistance Current Conductor
More results


Similar Description - ACHS-7124

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS712 ALLEGRO-ACS712 Datasheet
996Kb / 12P
Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS704ELC-005 ALLEGRO-ACS704ELC-005_06 Datasheet
730Kb / 20P
Fully Integrated, Hall Effect-Based Linear Current Sensor with Voltage Isolation and a Low-Resistance Current Conductor
October 31, 2006
ACS704ELC-015 ALLEGRO-ACS704ELC-015_06 Datasheet
685Kb / 20P
Fully Integrated, Hall Effect-Based Linear Current Sensor with Voltage Isolation and a Low-Resistance Current Conductor
October 31, 2006
ACS712 ALLEGRO-ACS712_06 Datasheet
667Kb / 12P
Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS713 ALLEGRO-ACS713 Datasheet
895Kb / 10P
Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS712 ALLEGRO-ACS712_07 Datasheet
678Kb / 14P
Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS713 ALLEGRO-ACS713_1 Datasheet
619Kb / 13P
Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS714 ALLEGRO-ACS714_13 Datasheet
690Kb / 18P
Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
logo
Broadcom Corporation.
ACHS-7121 BOARDCOM-ACHS-7121 Datasheet
827Kb / 14P
Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 3 kVRMS Isolation and Low-Resistance Current Conductor
ACHS-719X BOARDCOM-ACHS-719X Datasheet
1,006Kb / 19P
Fully Integrated, Hall-Effect Based Linear Current Sensor IC with 3 kVRMS Isolation and a Low-Resistance Current Conductor
July 10, 2020
More results




About Broadcom Corporation.


Broadcom Corporation was an American semiconductor company that designed and manufactured a wide range of products for wired and wireless communication, storage, and industrial markets. The company was founded in 1991 and was based in Irvine, California.

Broadcom Corporation's products were used in a variety of applications, including data centers, smartphones, home networking, broadband, and automotive industries. The company's portfolio included chips for Wi-Fi, Bluetooth, Ethernet, and other connectivity technologies, as well as processors for storage devices, switches, and routers.

In 2016, Broadcom Corporation announced its intention to acquire Brocade Communications Systems, a networking company that provided data center solutions, for $5.9 billion. The acquisition was completed in November 2017.

In 2018, Broadcom Corporation relocated its headquarters to San Jose, California, and changed its name to Broadcom Inc. Today, Broadcom Inc. is a global technology company that provides a wide range of semiconductor and infrastructure software solutions for wired and wireless communications, enterprise storage, and industrial markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com