Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-350J Datasheet (PDF) - Broadcom Corporation.

ACPL-350J Datasheet PDF - Broadcom Corporation.
Part # ACPL-350J
Download  ACPL-350J Download
File Size   774.88 Kbytes
Page   22 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description 3.0 Amp Output Current IGBT and SiC/GaN MOSFET Gate Drive Optocoupler with Overcurrent Sensing and FAULT Signal

ACPL-350J Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPL-350J Datasheet PDF - Broadcom Corporation.

Part # ACPL-350J
Download  ACPL-350J Click to download

File Size   774.88 Kbytes
Page   22 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description 3.0 Amp Output Current IGBT and SiC/GaN MOSFET Gate Drive Optocoupler with Overcurrent Sensing and FAULT Signal

ACPL-350J Datasheet (HTML) - Broadcom Corporation.


ACPL-350J Product details

Features
ACPL-350J – 3.0 A maximum peak output current
150-ns maximum propagation delay
Dual output drive to control turning on and off time
Overcurrent detection with configurable "soft" shutdown
FAULT signal for external isolated feedback
Under voltage lockout (UVLO) with hysteresis
100 kV/μs minimum common mode rejection (CMR) at VCM = 1500V
15V to 30V wide operating VDD2 range
–40°C to 105°C industrial temperature range
8.3-mm creepage and clearance
Safety approval:
– UL Recognized 5000 VRMS for 1 minute
– CSA
– IEC/EN/DIN EN 60747-5-5 VIORM = 1414 VPEAK

Applications
IGBT and SiC/GaN MOSFET gate drives
Industrial drives and inverters
Renewable energy inverters
Switching power supplies




Similar Part No. - ACPL-350J

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-352J AVAGO-ACPL-352J Datasheet
1Mb / 26P
5.0 A maximum peak output current
logo
Broadcom Corporation.
ACPL-352J BOARDCOM-ACPL-352J Datasheet
1Mb / 26P
Dual output drive to control turning on and off time
More results


Similar Description - ACPL-350J

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-3160 HP-HCPL-3160 Datasheet
145Kb / 4P
2.0 Amp IGBT Gate Drive Optocoupler with Integrated Over-current Protection and Fault Feedback
HCPL3160 HP-HCPL3160 Datasheet
156Kb / 4P
2.0 Amp IGBT Gate Drive Optocoupler with Integrated Over-current Protection and Fault Feedback
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P341 AVAGO-ACPL-P341 Datasheet
276Kb / 19P
3.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail
ACPL-W341-000E AVAGO-ACPL-W341-000E Datasheet
276Kb / 19P
3.0 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-P347 AVAGO-ACPL-P347 Datasheet
312Kb / 14P
1.0 Amp Output Current SiC/GaN MOSFET and IGBT Gate Drive Optocoupler in Stretched SO6
logo
Broadcom Corporation.
ACPL-P349 BOARDCOM-ACPL-P349 Datasheet
1Mb / 18P
2.5-Amp Output Current SiC/GaN MOSFET and IGBT Gate Drive Optocoupler in Stretched SO6
ACPL-P346 BOARDCOM-ACPL-P346 Datasheet
1Mb / 20P
2.5-Amp Output Current Power, GaN and SiC MOSFET Gate Drive Optocoupler with Rail-to-Rail Output
ACPL-P347 BOARDCOM-ACPL-P347 Datasheet
900Kb / 16P
1.0-Amp Output Current SiC/GaN MOSFET and IGBT Gate Drive Optocoupler in Stretched SO6
logo
ON Semiconductor
FOD8316 ONSEMI-FOD8316 Datasheet
450Kb / 29P
2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
October 2017 Rev. 2
FOD8316 ONSEMI-FOD8316_V01 Datasheet
463Kb / 28P
2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
February, 2023 - Rev. 3
More results




About Broadcom Corporation.


Broadcom Corporation was an American semiconductor company that designed and manufactured a wide range of products for wired and wireless communication, storage, and industrial markets. The company was founded in 1991 and was based in Irvine, California.

Broadcom Corporation's products were used in a variety of applications, including data centers, smartphones, home networking, broadband, and automotive industries. The company's portfolio included chips for Wi-Fi, Bluetooth, Ethernet, and other connectivity technologies, as well as processors for storage devices, switches, and routers.

In 2016, Broadcom Corporation announced its intention to acquire Brocade Communications Systems, a networking company that provided data center solutions, for $5.9 billion. The acquisition was completed in November 2017.

In 2018, Broadcom Corporation relocated its headquarters to San Jose, California, and changed its name to Broadcom Inc. Today, Broadcom Inc. is a global technology company that provides a wide range of semiconductor and infrastructure software solutions for wired and wireless communications, enterprise storage, and industrial markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com