Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK596S Datasheet (PDF) - ON Semiconductor

2SK596S Datasheet PDF - ON Semiconductor
Part # 2SK596S
Download  2SK596S Download
File Size   985.33 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description JFET 20V, 150 to 350μA, 1.0mS, N-Channel

2SK596S Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK596S Datasheet PDF - ON Semiconductor

Part # 2SK596S
Download  2SK596S Click to download

File Size   985.33 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description JFET 20V, 150 to 350μA, 1.0mS, N-Channel

2SK596S Datasheet (HTML) - ON Semiconductor


2SK596S Product details

Features
• Low output noise voltage : VNO=--110dB max (VCC=4.5V, RL=1kW, Cin=15pF, VIN=0V, A curve)
• Especiallysuited for use in condenser microphone for audio equipments and telephones
• Excellent transient characteristic
• Adoption of FBET process




Similar Part No. - 2SK596S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SK596S-B ONSEMI-2SK596S-B Datasheet
213Kb / 7P
N-Channel JFET
August, 2013
More results


Similar Description - 2SK596S

ManufacturerPart #DatasheetDescription
logo
Micross Components
J210_TO-92 MICROSS-J210_TO-92 Datasheet
278Kb / 1P
N-CHANNEL JFET
J212_TO-92 MICROSS-J212_TO-92 Datasheet
277Kb / 1P
N-CHANNEL JFET
LS5906_SOT-23 MICROSS-LS5906_SOT-23 Datasheet
280Kb / 1P
N-CHANNEL JFET
LS5907_TO-71 MICROSS-LS5907_TO-71 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5908_TO-78 MICROSS-LS5908_TO-78 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5909_PDIP MICROSS-LS5909_PDIP Datasheet
282Kb / 1P
N-CHANNEL JFET
LS5909_TO-78 MICROSS-LS5909_TO-78 Datasheet
291Kb / 1P
N-CHANNEL JFET
LS5912_SOT-23 MICROSS-LS5912_SOT-23 Datasheet
275Kb / 1P
N-CHANNEL JFET
LS5912C_TO-71 MICROSS-LS5912C_TO-71 Datasheet
281Kb / 1P
N-CHANNEL JFET
LSJ108_SOT-23 MICROSS-LSJ108_SOT-23 Datasheet
289Kb / 1P
N-CHANNEL JFET
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com