Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6545 Datasheet (PDF) - Teridian Semiconductor Corporation

71M6545 Datasheet PDF - Teridian Semiconductor Corporation
Part # 71M6545
Download  71M6545 Download
File Size   1808.51 Kbytes
Page   134 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Metrology Processors

71M6545 Datasheet (PDF)

Go To PDF Page Download Datasheet
71M6545 Datasheet PDF - Teridian Semiconductor Corporation

Part # 71M6545
Download  71M6545 Click to download

File Size   1808.51 Kbytes
Page   134 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Metrology Processors

71M6545 Datasheet (HTML) - Teridian Semiconductor Corporation


71M6545 Product details

GENERAL DESCRIPTION
The 71M6545/71M6545H metrology processors are based on Teridian’s 4th-generation metering architecture supporting the 71M6xxx series of isolated current sensing products that offer drastic reduction in component count, immunity to magnetic tampering, and unparalleled reliability. The 71M6545/71M6545H integrate our Single Converter Technology® with a 22-bit delta-sigma ADC, a customizable 32-bit computation engine (CE) for core metrology functions, as well as a user-programmable 8051-compatible application processor (MPU) core with up to 64KB flash and up to 5KB RAM.
An external host processor can access metrology functions di-rectly through the SPI™ interface, or alternatively through the embedded MPU core in applications requiring metrology data capture, storage, and preprocessing within the metrology subsystem. In addition, the devices integrate an RTC, DIO, and UART. A complete array of ICE and development tools, programming libraries, and reference designs enable rapid development and certification of meters that meet all ANSI and IEC electricity metering standards worldwide.

FEATURES
• Up to < 0.1% Accuracy Over 2000:1 Current Range
• Exceeds IEC 62053/ANSI C12.20 Standards
• Seven Sensor Inputs with Neutral Current Measurement, Differential Mode Selectable for Current Inputs
• Selectable Gain of 1 or 8 for One Current Input to Support Shunts
• High-Speed Wh/VARh Pulse Outputs with Programmable Width
• Flash/RAM Size
32KB/3KB (71M6545)
64KB/5KB (71M6545H)
• Up to Four Pulse Outputs with Pulse Count
• Four-Quadrant Metering, Phase Sequencing
• Digital Temperature Compensation
Metrology Compensation
Accurate RTC for TOU Functions with Automatic Temperature Compensation for Crystal in All Power Modes
• Independent 32-Bit Compute Engine
• 46–64Hz Line Frequency Range with the Same Calibration
• Phase Compensation (±7°)
• 1μA Supply Current in Sleep Mode
• Flash Security
• In-System Program Update
• 8-Bit MPU (80515), Up to 5 MIPS, for Optional Implementation of Postprocessing and Host Support Functions (Optional Use)
• Up to 29 DIO Pins
• Hardware Watchdog Timer (WDT)
• I2C/MICROWIRE® EEPROM Interface
• SPI Interface for Host:
Full Access to Shared Memory Space
Flash Program Capability
• UART
• Industrial Temperature Range
• 64-Pin Lead(Pb)-Free LQFP Package




Similar Part No. - 71M6545

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
71M6545 MAXIM-71M6545 Datasheet
2Mb / 133P
Metrology Processors
2013
71M6545H MAXIM-71M6545H Datasheet
2Mb / 133P
Metrology Processors
2013
71M6545HT-IGT/F MAXIM-71M6545HT-IGT/F Datasheet
1Mb / 66P
Energy Meter ICs
2015
71M6545HT-IGTR/F MAXIM-71M6545HT-IGTR/F Datasheet
1Mb / 66P
Energy Meter ICs
2015
71M6545T MAXIM-71M6545T Datasheet
1Mb / 66P
Energy Meter ICs
2015
More results


Similar Description - 71M6545

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PNX1300 PHILIPS-PNX1300 Datasheet
5Mb / 548P
Media Processors
2002 Feb 15
logo
Micronas
TPU3035 MICRONAS-TPU3035 Datasheet
1Mb / 73P
Teletext Processors
logo
Analog Devices
ADSP-21369KSWZ-2A AD-ADSP-21369KSWZ-2A Datasheet
1Mb / 60P
SHARC Processors
Rev. E
logo
Freescale Semiconductor...
P1014NSE5HFA FREESCALE-P1014NSE5HFA Datasheet
209Kb / 2P
Communications Processors
logo
STMicroelectronics
STEVAL-IPP002V1 STMICROELECTRONICS-STEVAL-IPP002V1 Datasheet
322Kb / 16P
Energy measurement by an external metrology board
24-Aug-2011
logo
Texas Instruments
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
Sitara Processors
logo
TDK Electronics
MBA-2060 TDK-MBA-2060 Datasheet
81Kb / 2P
Metrology Biconical Antenna
logo
Silergy Corp.
MAX71071 SILERGY-MAX71071 Datasheet
255Kb / 11P
Dual-Channel Isolated Metrology ADCs
logo
Maxim Integrated Produc...
MAX71071 MAXIM-MAX71071 Datasheet
99Kb / 1P
Dual-Channel Isolated Metrology ADCs
7/11/2014
71M6545 MAXIM-71M6545_V01 Datasheet
2Mb / 133P
Metrology Processors
2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com