Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-19720 Datasheet (PDF) - ABLIC Inc.

S-19720 Datasheet PDF - ABLIC Inc.
Part # S-19720
Download  S-19720 Download
File Size   821.25 Kbytes
Page   29 Pages
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.
Description AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 50 mA VOLTAGE TRACKER WITH REVERSE CURRENT PROTECTION

S-19720 Datasheet (PDF)

Go To PDF Page Download Datasheet
S-19720 Datasheet PDF - ABLIC Inc.

Part # S-19720
Download  S-19720 Click to download

File Size   821.25 Kbytes
Page   29 Pages
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.
Description AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 50 mA VOLTAGE TRACKER WITH REVERSE CURRENT PROTECTION

S-19720 Datasheet (HTML) - ABLIC Inc.


S-19720 Product details

This IC, developed by using high-withstand voltage CMOS process technology, is a voltage tracker with a reverse current protection function, which has high-withstand voltage and low current consumption. Since the maximum operating voltage is as high as 36 V and the current consumption is as low as 30 μA typ., it contributes to the reduction of standby current. This IC operates stably due to the internal phase compensation circuit so that users are able to use low ESR ceramic
capacitor as the output capacitor. This IC includes an overcurrent protection circuit that prevents the load current from exceeding the current capacity of the output transistor and a thermal shutdown circuit that prevents damage because of overheating. Due to the built-in reverse current protection function, the reverse current flowing from the VOUT pin to the VIN pin can be
controlled as the small value −5 μA min. Therefore, IC protection diode is not needed.
ABLIC Inc. offers a "thermal simulation service" which supports the thermal design in conditions when our power management ICs are in use by customers. Our thermal simulation service will contribute to reducing the risk in the thermal design at customers' development stage.
ABLIC Inc. also offers FIT rate calculated based on actual customer usage conditions in order to support customer functional safety design. Contact our sales representatives for details.

Features
• Input voltage: 4.0 V to 36.0 V
• Offset voltage: ±5 mV (0.1 mA ≤ IOUT ≤ 50 mA)
• Dropout voltage: 160 mV typ. (VADJ / EN = 4.0 V, IOUT = 10 mA)
• Current consumption: During operation: 30 μA typ.
During power-off: 4.0 μA typ.
• Output current: Possible to output 50 mA (VIN = VADJ / EN + 2.0 V)*1
• Input capacitor: A ceramic capacitor can be used. (1.0 μF or more)
• Output capacitor: A ceramic capacitor can be used. (1.0 μF to 1000 μF)
• Built-in overcurrent protection circuit: Limits overcurrent of output transistor.
• Built-in thermal shutdown circuit: Detection temperature 175°C typ.
• Reverse current protection function: IREV = −5 μA min. (VIN = 0 V, VADJ / EN = 5.0 V, VOUT = 16.0 V)
• Operation temperature range: Ta = −40°C to +125°C
• Lead-free (Sn 100%), halogen-free
• Withstand 45 V load dump
• AEC-Q100 qualified*2




Similar Part No. - S-19720

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19100C12A-M5T2U SII-S-19100C12A-M5T2U Datasheet
2Mb / 39P
BUILT-IN DELAY CIRCUIT
S-19100C12A-M5T2U SII-S-19100C12A-M5T2U Datasheet
2Mb / 39P
FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S-19100C12A-N4T2U SII-S-19100C12A-N4T2U Datasheet
2Mb / 39P
BUILT-IN DELAY CIRCUIT
S-19100C12A-N4T2U SII-S-19100C12A-N4T2U Datasheet
2Mb / 39P
FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S-19100C12H-I4T1U SII-S-19100C12H-I4T1U Datasheet
2Mb / 45P
FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
More results


Similar Description - S-19720

ManufacturerPart #DatasheetDescription
logo
Rohm
BD42500G-C ROHM-BD42500G-C Datasheet
1Mb / 26P
50 mA Output Voltage Tracker
logo
ABLIC Inc.
S-13R1 ABLIC-S-13R1 Datasheet
636Kb / 49P
5.5 V INPUT, 150 mA VOLTAGE REGULATOR WITH REVERSE CURRENT PROTECTION
Rev.1.3_00
S-1212B ABLIC-S-1212B Datasheet
1Mb / 60P
105°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.3.1_00
S-1312XXXH ABLIC-S-1312XXXH Datasheet
1Mb / 39P
105°C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.2_00
S-19200A ABLIC-S-19200A Datasheet
1Mb / 37P
AUTOMOTIVE, 105°C OPERATION, 50 V INPUT, 200 mA VOLTAGE REGULATOR
Rev.2.2_00
S-19212B ABLIC-S-19212B Datasheet
960Kb / 60P
AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
S-19213 ABLIC-S-19213 Datasheet
771Kb / 46P
AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 500 mA VOLTAGE REGULATOR
Rev.1.1_00
S-19214 ABLIC-S-19214 Datasheet
811Kb / 46P
AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 1000 mA VOLTAGE REGULATOR
Rev.1.1_00
S-19311 ABLIC-S-19311 Datasheet
647Kb / 38P
AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA VOLTAGE REGULATOR www.ablic.com WITH RESET FUNCTION
Rev.1.3_00
S-19312 ABLIC-S-19312 Datasheet
641Kb / 38P
AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com