Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBRT25M60SLP Datasheet (PDF) - Diodes Incorporated

SBRT25M60SLP Datasheet PDF - Diodes Incorporated
Part # SBRT25M60SLP
Download  SBRT25M60SLP Download
File Size   475.58 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 25A TrenchSBR TRENCH SUPER BARRIER RECTIFIER PowerDI5060-8

SBRT25M60SLP Datasheet (PDF)

Go To PDF Page Download Datasheet
SBRT25M60SLP Datasheet PDF - Diodes Incorporated

Part # SBRT25M60SLP
Download  SBRT25M60SLP Click to download

File Size   475.58 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 25A TrenchSBR TRENCH SUPER BARRIER RECTIFIER PowerDI5060-8

SBRT25M60SLP Datasheet (HTML) - Diodes Incorporated


SBRT25M60SLP Product details

Features
Reduced low forward voltage drop (VF) and reverse leakage
(IR); better efficiency and cooler operation
Reduced high temperature reverse leakage; Increased reliability
against thermal runaway failure in high temperature operation
Less than 1.1mm package profile – ideal for thin applications
Patented Super Barrier Rectifier Technology (SBR®)
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free “Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e.: parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified
facilities), please refer to the related automotive grade (Qsuffix)
part. A listing can be found at
https://www.diodes.com/products/automotive/automotiveproducts/.
This part is qualified to JEDEC standards (as references in
AEC-Q) for High Reliability.




Similar Part No. - SBRT25M60SLP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBRT25M60SLP DIODES-SBRT25M60SLP_15 Datasheet
313Kb / 5P
25A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5060
Rev erse
More results


Similar Description - SBRT25M60SLP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBRT3M60SA DIODES-SBRT3M60SA_15 Datasheet
507Kb / 5P
3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
Rev erse
SBRT4M30LP DIODES-SBRT4M30LP_15 Datasheet
375Kb / 5P
4A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
Rev erse
SBRT25M50SLP DIODES-SBRT25M50SLP_15 Datasheet
399Kb / 5P
25A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5060
Rev erse
SBRT25M60SLP DIODES-SBRT25M60SLP_15 Datasheet
313Kb / 5P
25A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5060
Rev erse
SBRT25U50SLP DIODES-SBRT25U50SLP_15 Datasheet
398Kb / 5P
25A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5060
Rev erse
SBRT25U60SLP DIODES-SBRT25U60SLP_15 Datasheet
399Kb / 5P
25A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5060
Rev erse
SBRT25U80SLP DIODES-SBRT25U80SLP_15 Datasheet
389Kb / 5P
25A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰5060
Rev erse
SBRT25M50SLP DIODES-SBRT25M50SLP Datasheet
399Kb / 5P
25A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI®5060
February 2015
SBRT25U50SLP DIODES-SBRT25U50SLP Datasheet
666Kb / 5P
25A TrenchSBR TRENCH SUPER BARRIER RECTIFIER PowerDI5060-8
May 2021
SBRT25U60SLP DIODES-SBRT25U60SLP Datasheet
399Kb / 5P
25A TrenchSBR TRENCH SUPER BARRIER RECTIFIER POWERDI®5060
April 2015
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com