Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSLC-045P Datasheet (PDF) - Hitachi Metals, Ltd

FSLC-045P Datasheet PDF - Hitachi Metals, Ltd
Part # FSLC-045P
Download  FSLC-045P Download
File Size   23.26 Kbytes
Page   1 Pages
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd
Description 450 MHz Band Chip Multilayer 90deg. / 3dB Splitter

FSLC-045P Datasheet (PDF)

Go To PDF Page Download Datasheet
FSLC-045P Datasheet PDF - Hitachi Metals, Ltd

Part # FSLC-045P
Download  FSLC-045P Click to download

File Size   23.26 Kbytes
Page   1 Pages
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd
Description 450 MHz Band Chip Multilayer 90deg. / 3dB Splitter

FSLC-045P Datasheet (HTML) - Hitachi Metals, Ltd




Similar Part No. - FSLC-045P

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
FSLC-090P HITACHI-METALS-FSLC-090P Datasheet
23Kb / 1P
900 MHz Band Chip Multilayer 90deg. / 3dB Splitter
More results


Similar Description - FSLC-045P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
FSLC-C160W HITACHI-FSLC-C160W Datasheet
33Kb / 4P
1.5-2.0GHz Band Chip Multilayer 90deg.3dB Splitter
logo
Hitachi Metals, Ltd
FSLC-090P HITACHI-METALS-FSLC-090P Datasheet
23Kb / 1P
900 MHz Band Chip Multilayer 90deg. / 3dB Splitter
FSLC-C090U HITACHI-METALS-FSLC-C090U Datasheet
33Kb / 4P
4532 Size 800-1000MHz Band Chip Multilayer 90deg.3dB Splitter
FSLC-C160W-205 HITACHI-METALS-FSLC-C160W-205 Datasheet
47Kb / 3P
4532 Size 1.92-2.17GHz Band Chip Multilayer 90deg. Splitter
logo
Johanson Technology Inc...
2450CH15A0100 JOHANSON-2450CH15A0100 Datasheet
260Kb / 3P
Splitter, 3dB Hybrid; 2400 - 2500 MHz
logo
Soshin electric Co., Lt...
ARP-481200-E1 SOSHIN-ARP-481200-E1 Datasheet
192Kb / 3P
3dB 90deg hybrid for 850MHz
ARP-481300-D1 SOSHIN-ARP-481300-D1 Datasheet
191Kb / 3P
3dB 90deg hybrid for 2500MHz
ARP-481400-G1 SOSHIN-ARP-481400-G1 Datasheet
262Kb / 3P
3dB 90deg hybrid for 2150MHz
HMD812D-HYB0850 SOSHIN-HMD812D-HYB0850 Datasheet
192Kb / 3P
3dB 90deg hybrid for 850MHz
HMD814D-HYB2150 SOSHIN-HMD814D-HYB2150 Datasheet
262Kb / 3P
3dB 90deg hybrid for 2150MHz
More results




About Hitachi Metals, Ltd


Hitachi Metals, Ltd. is a Japanese multinational company that specializes in the manufacture and sale of specialty steel products, magnetic materials, and functional components. The company was founded in 1910 and is headquartered in Tokyo, Japan.

Hitachi Metals operates in several business segments, including specialty steel, magnetic materials and applications, functional components and equipment, and advanced metals processing. The company's products are used in various industries, such as automotive, electronics, energy, construction, and aerospace.

Some of the products offered by Hitachi Metals include special steel products, such as tool steel, stainless steel, and high-speed steel; magnetic materials, such as ferrite cores and magnets; and functional components, such as automotive parts and industrial machinery components.

Hitachi Metals is a subsidiary of Hitachi, Ltd., a multinational conglomerate that operates in various business segments, such as information technology, power systems, and social infrastructure.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com