Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP189 Datasheet (PDF) - ON Semiconductor

NCP189 Datasheet PDF - ON Semiconductor
Part # NCP189
Download  NCP189 Download
File Size   346.19 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LDO Regulator, 0.5 A, High Accuracy (0.7%), Adjustable, Low Noise, High PSRR with Power Good

NCP189 Datasheet (PDF)

Go To PDF Page Download Datasheet
NCP189 Datasheet PDF - ON Semiconductor

Part # NCP189
Download  NCP189 Click to download

File Size   346.19 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LDO Regulator, 0.5 A, High Accuracy (0.7%), Adjustable, Low Noise, High PSRR with Power Good

NCP189 Datasheet (HTML) - ON Semiconductor


NCP189 Product details

The NCP189 is a 0.5 A LDO, next generation of high PSRR, low
noise and low dropout regulators with Power Good open collector
output. Designed to meet the requirements of RF and sensitive analog
circuits, the NCP189 device provides low noise, high PSRR and low
quiescent current while offering the ability to regulate output voltages
down to 0.6 V. The device also offers excellent load / line transients.
The NCP189 is designed to work with a 4.7 F input and output
ceramic capacitor. It is available in industry standard WDFNW6
0.65P, 2 mm x 2 mm.

Features
• Operating Input Voltage Range: 1.6 V to 5.5 V
• Available in Fixed Voltage Option: 0.6 V to 5.0 V
• Adjustable Version Reference Voltage: 0.6 V
• ±0.7% Initial Accuracy at 25°C
• ±1% Accuracy Over Load and Temperature
• Low Quiescent Current Typ. 35 A
• Shutdown Current: Typ. 0.1 A
• Very Low Dropout: Typ. 65 mV at 500 mA for 3.3 V Variant
• High PSRR: Typ. 85 dB at 100 mA, f = 1 kHz
• Low Noise: 10 VRMS (Fixed Version)
• Stable with a 4.7 F Small Case Size Ceramic Capacitors
• Controlled Output Voltage Slew Rate from 5 mV / s
• Available in WDFNW6 2 mm x 2 mm x 0.75 mm Case 511DW
• These Devices are PbïFree, Halogen Free/BFR Free and are RoHS Compliant

Typical Applications
• Communication Systems
• In−Vehicle Networking
• Telematics, Infotainment and Clusters
• General Purpose Automotive




Similar Part No. - NCP189

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1800 ONSEMI-NCP1800 Datasheet
87Kb / 14P
Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
NCP1800 ONSEMI-NCP1800 Datasheet
93Kb / 14P
Single-Cell Lithium Ion Battery Charge Controller
November, 2004 ??Rev. 5
NCP1800DM41 ONSEMI-NCP1800DM41 Datasheet
87Kb / 14P
Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
NCP1800DM41R2 ONSEMI-NCP1800DM41R2 Datasheet
87Kb / 14P
Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
NCP1800DM41R2 ONSEMI-NCP1800DM41R2 Datasheet
93Kb / 14P
Single-Cell Lithium Ion Battery Charge Controller
November, 2004 ??Rev. 5
More results


Similar Description - NCP189

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1200 YOBON-YB1200 Datasheet
434Kb / 11P
High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
logo
ACE Technology Co., LTD...
ACE527H ACE-ACE527H Datasheet
1Mb / 16P
Low Noise, High PSRR LDO Regulator
VER 1.3
logo
Excelliance MOS Corp.
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
300mA High PSRR Low Noise, Adjustable LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
300mA, High PSRR, Low Noise, Adjustable LDO Regulator
logo
ON Semiconductor
NCP164 ONSEMI-NCP164 Datasheet
365Kb / 10P
LDO Regulator, 300mA, Low Dropout Voltage, Ultra Low Noise, High PSRR with Power Good
April, 2020 ??Rev. 0
NCV8164 ONSEMI-NCV8164 Datasheet
423Kb / 13P
LDO Regulator, 300mA, Low Dropout Voltage, Ultra Low Noise, High PSRR with Power Good
February, 2020 ??Rev. 0
NCP59801 ONSEMI-NCP59801 Datasheet
373Kb / 13P
LDO Regulator, 1A, High Accuracy (0.7%), Adjustable, Low Noise, High PSRR with Power Good
June, 2022 - Rev. 0
NCV59801 ONSEMI-NCV59801 Datasheet
351Kb / 13P
LDO Regulator, 1A, High Accuracy (0.7%), Adjustable, Low Noise, High PSRR with Power Good
August, 2022 - Rev. 0
NCV8189 ONSEMI-NCV8189 Datasheet
350Kb / 13P
LDO Regulator, 0.5A, High Accuracy (0.7%), Adjustable, Low Noise, High PSRR with Power Good
August, 2022 - Rev. 0
NCV59801 ONSEMI-NCV59801_V01 Datasheet
421Kb / 14P
LDO Regulator, 1A, High Accuracy (0.7%), Adjustable, Low Noise, High PSRR with Power Good
July, 2023 - Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com