Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL8400QSE-7 Datasheet (PDF) - Diodes Incorporated

AL8400QSE-7 Datasheet PDF - Diodes Incorporated
Part # AL8400QSE-7
Download  AL8400QSE-7 Download
File Size   419.2 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LINEAR LED DRIVER-CONTROLLER with 200mV CURRENT SENSE VOLTAGE and AUTOMOTIVE GRADE

AL8400QSE-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
AL8400QSE-7 Datasheet PDF - Diodes Incorporated

Part # AL8400QSE-7
Download  AL8400QSE-7 Click to download

File Size   419.2 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LINEAR LED DRIVER-CONTROLLER with 200mV CURRENT SENSE VOLTAGE and AUTOMOTIVE GRADE

AL8400QSE-7 Datasheet (HTML) - Diodes Incorporated


AL8400QSE-7 Product details

Features
• Low Reference Voltage (VFB = 0.2V)
• -40 to +125°C Temperature Range
• 3% Reference Voltage Tolerance at +25°C
• Low Temperature Drift
• 0.2V to 18V Open-Collector Output
• High Power Supply Rejection:
ƒ (> 45dB at 300kHz)
• AL8400QSE-7 Automotive Grade qualified to AEC-Q100 Grade 1
• SOT353: Available in “Green” Molding Compound (No Br, Sb)
ƒ Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
ƒ Halogen and Antimony Free. “Green” Device (Note 3)

Applications
• Isolated Offline LED Lamps
• Linear LED Driver
• LED Signs
• Instrumentation Illumination




Similar Part No. - AL8400QSE-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8400 DIODES-AL8400 Datasheet
252Kb / 12P
0.2V LINEAR LED DRIVER CONTROLLER
DS35115 Rev. 1 - 2
AL8400 DIODES-AL8400 Datasheet
138Kb / 8P
The sense resistor R2 of 300m sets the LEDs nominal current at 150mA.
NOVEMBER 2010
AL8400EV1 DIODES-AL8400EV1 Datasheet
138Kb / 8P
The sense resistor R2 of 300m sets the LEDs nominal current at 150mA.
NOVEMBER 2010
AL8400SE-7 DIODES-AL8400SE-7 Datasheet
252Kb / 12P
0.2V LINEAR LED DRIVER CONTROLLER
DS35115 Rev. 1 - 2
AL8400SE-7 DIODES-AL8400SE-7 Datasheet
138Kb / 8P
The sense resistor R2 of 300m sets the LEDs nominal current at 150mA.
NOVEMBER 2010
More results


Similar Description - AL8400QSE-7

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3203 MICREL-MIC3203 Datasheet
767Kb / 21P
High-Brightness LED Driver Controller with High-Side Current Sense
MAQ3203 MICREL-MAQ3203 Datasheet
786Kb / 23P
High-Brightness LED Driver Controller with High-Side Current Sense
MAQ3203YM MICREL-MAQ3203YM Datasheet
786Kb / 23P
High-Brightness LED Driver Controller with High-Side Current Sense
logo
Allegro MicroSystems
A6274 ALLEGRO-A6274 Datasheet
608Kb / 24P
Linear Current Regulator and Controller for Automotive LED Arrays
logo
Micrel Semiconductor
MAQ3203 MICREL-MAQ3203_15 Datasheet
1Mb / 23P
High-Brightness LED Driver Controller with High-Side Current Sense
logo
ON Semiconductor
NCV7681 ONSEMI-NCV7681 Datasheet
201Kb / 16P
100 mA Linear Current Regulator and Controller for Automotive LED Lighting
November, 2016 ??Rev. 1
logo
Diodes Incorporated
AL5871Q DIODES-AL5871Q Datasheet
1Mb / 15P
AUTOMOTIVE GRADE, 55V LINEAR LED DRIVER
Rev. 1 - 2 November 2022
logo
Eaton All Rights Reserv...
ECSTA1V0504 EATON-ECSTA1V0504 Datasheet
813Kb / 5P
Automotive grade SMT current sense transformer
June 2022
ECSTA1V0805 EATON-ECSTA1V0805 Datasheet
970Kb / 5P
Automotive grade SMT current sense transformer
June 2022
ECSTA1V1308 EATON-ECSTA1V1308 Datasheet
809Kb / 5P
Automotive grade SMT current sense transformer
June 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com