Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5912-Q1 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LP5912-Q1 Datasheet PDF - Texas Instruments
Part # LP5912-Q1
Download  LP5912-Q1 Download
File Size   3425.06 Kbytes
Page   33 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO

LP5912-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP5912-Q1 Datasheet PDF - Texas Instruments

Part # LP5912-Q1
Download  LP5912-Q1 Click to download

File Size   3425.06 Kbytes
Page   33 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO

LP5912-Q1 Datasheet (HTML) - Texas Instruments


LP5912-Q1 Product details

1 Features
• Input voltage range: 1.6 V to 6.5 V
• Output voltage range: 0.8 V to 5.5 V
• Output current: Up to 500 mA
• Low output-voltage noise: 12 μVRMS (typ)
• PSRR at 1 kHz: 75 dB (typ)
• Output voltage tolerance (VOUT ≥ 3.3 V): ±2%
• Low IQ (enabled, no load): 30 μA (typ)
• Low dropout (VOUT ≥ 3.3 V):
95 mV (typ) at 500-mA load
• Stable with 1-μF ceramic input and output
capacitors
• Thermal-overload and short-circuit protection
• Reverse current protection
• No noise bypass capacitor required
• Output automatic discharge for fast turnoff
• Power-good output with 140-μs (typ) delay
• Internal soft-start to limit inrush current
• Operating junction temperature: –55°C to +125°C
• Supports defense, aerospace, and medical
applications:
– Controlled baseline
– One assembly and test site
– One fabrication site
– Extended product life cycle
– Extended product-change notification
– Product traceability

2 Applications
• Surveillance systems
• Inertial navigation
• Land mobile radios
• Global positioning system receivers
• Data concentrator units

3 Description
The LP5912-EP is a low-noise, low-dropout regulator
(LDO) that can supply up to 500 mA of output
current. Designed to meet the requirements of RF and
analog circuits, the LP5912-EP provides low noise,
high PSRR, low quiescent current, and low line and
load transient response. The LP5912-EP offers classleading
noise performance without a noise bypass
capacitor and with the ability for remote output
capacitance placement.
The device is designed to work with a 1-μF input and
a 1-μF output ceramic capacitor (a separate noise
bypass capacitor is not required).
This device is available with fixed output voltages
from 0.8 V to 5.5 V in 25-mV steps. Contact the Texas
Instruments Sales office for specific voltage option
requirements.




Similar Part No. - LP5912-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5912-Q1 TI1-LP5912-Q1 Datasheet
2Mb / 33P
LP5912-Q1 500-mA Ultra-Low-Noise LDO for RF and Analog Circuits ??Requires No Bypass Capacitor
LP5912-Q1 TI1-LP5912-Q1 Datasheet
2Mb / 33P
Automotive 500-mA Low-Noise, Low-IQ LDO
LP5912-Q1 TI1-LP5912-Q1 Datasheet
2Mb / 33P
Automotive 500-mA Low-Noise, Low-IQ LDO
LP5912-Q1 TI1-LP5912-Q1 Datasheet
2Mb / 35P
500-mA Low-Noise, Low-IQ LDO
LP5912-Q1 TI-LP5912-Q1 Datasheet
3Mb / 33P
LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO
SEPTEMBER 2022
More results


Similar Description - LP5912-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5912-Q1 TI1-LP5912-Q1_16 Datasheet
2Mb / 33P
Automotive 500-mA Low-Noise, Low-IQ LDO
LP5912 TI1-LP5912_17 Datasheet
2Mb / 33P
500-mA Low-Noise, Low-IQ LDO
LP5912-Q1 TI1-LP5912-Q1_17 Datasheet
2Mb / 33P
Automotive 500-mA Low-Noise, Low-IQ LDO
LP5910_017 TI1-LP5910_017 Datasheet
1Mb / 34P
300-mA Low-Noise, Low-IQ LDO
LP5912 TI1-LP5912_18 Datasheet
2Mb / 35P
500-mA Low-Noise, Low-IQ LDO
TPS7A21 TI-TPS7A21 Datasheet
4Mb / 33P
TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
DECEMBER 2021
TPS7A21 TI-TPS7A21_V01 Datasheet
4Mb / 34P
TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
DECEMBER 2021
LP5912-EP TI-LP5912-EP_V01 Datasheet
3Mb / 33P
LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO
SEPTEMBER 2022
TPS7A21 TI1-TPS7A21_V02 Datasheet
4Mb / 33P
TPS7A21 500-mA, Low-Noise, Low-IQ, High-PSRR LDO
REVISED SEPTEMBER 2022
LP5912-EP TI-LP5912-EP_V02 Datasheet
3Mb / 33P
LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO
SEPTEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com