Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CK1038 Datasheet (PDF) - List of Unclassifed Manufacturers

CK1038 Datasheet PDF - List of Unclassifed Manufacturers
Part # CK1038
Download  CK1038 Download
File Size   922.87 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description CK ROTARY SWITCH

CK1038 Datasheet (PDF)

Go To PDF Page Download Datasheet
CK1038 Datasheet PDF - List of Unclassifed Manufacturers

Part # CK1038
Download  CK1038 Click to download

File Size   922.87 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description CK ROTARY SWITCH

CK1038 Datasheet (HTML) - List of Unclassifed Manufacturers


CK1038 Product details

FEATURES
Standard 30° indexing,
60° and 90° available
Moulded 27.5mm
diameter
Single wafer switch
Maximum 12 positions
Up to 4 poles per switch
Shorting (make before break 30° indexing only)
or non-shorting (break before make)
Moulded stop or adjustable stops to
restrict number of positions
Continuous rotation also available
Made in UK
UL-V0 rated material available
Solder or PCB terminals
Gold flashed or gold plated
terminals/contacts available
Spindles with special flats, slots or knurls
Rear drive versions
No bush versions




Similar Part No. - CK1038

ManufacturerPart #DatasheetDescription
logo
Raytheon Company
CK1038 RAYTHEON-CK1038 Datasheet
95Kb / 1P
SUBMINIATURE GAS-FILLED DIODE
logo
List of Unclassifed Man...
CK1038 ETC2-CK1038 Datasheet
328Kb / 4P
GENERAL ELECTRICAL & MECHANICAL SPECIFICATION
More results


Similar Description - CK1038

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6RV OMRON-A6RV Datasheet
1Mb / 6P
Rotary DIP Switch
logo
OEN India Limited
OENCK OENINDIA-OENCK Datasheet
709Kb / 2P
MINIATURE ROTARY SWITCH
logo
CUI INC
RDS-74R-254 CUI-RDS-74R-254 Datasheet
376Kb / 4P
ROTARY DIP SWITCH
RDS-74385-45A-SMT CUI-RDS-74385-45A-SMT Datasheet
459Kb / 5P
ROTARY DIP SWITCH
RDS-1055 CUI-RDS-1055 Datasheet
336Kb / 4P
ROTARY DIP SWITCH
logo
Lorlin Electronics Ltd.
BCK LORLIN-BCK Datasheet
711Kb / 2P
ROTARY SWITCH
CKAAAAAA LORLIN-CKAAAAAA Datasheet
924Kb / 4P
CK ROTARY SWITCH
CKIS LORLIN-CKIS Datasheet
584Kb / 2P
CKIS IMPULSION LOCK SWITCH WITH BRACKETED CK SWITCH MODULE
CKL LORLIN-CKL Datasheet
686Kb / 2P
CKL LOCK SWITCH WITH BRACKETED CK SWITCH MODULE
CKL5 LORLIN-CKL5 Datasheet
690Kb / 2P
CKL5 LOCK SWITCH WITH SNAP ON CK SWITCH MODULE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com