Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4700IY Datasheet (PDF) - Analog Devices

LTM4700IY Datasheet PDF - Analog Devices
Part # LTM4700IY
Download  LTM4700IY Download
File Size   3946.76 Kbytes
Page   126 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 50A or Single 100A μModule Regulator with Digital Power System Management

LTM4700IY Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM4700IY Datasheet PDF - Analog Devices

Part # LTM4700IY
Download  LTM4700IY Click to download

File Size   3946.76 Kbytes
Page   126 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 50A or Single 100A μModule Regulator with Digital Power System Management

LTM4700IY Datasheet (HTML) - Analog Devices


LTM4700IY Product details

FEATURES
Dual 50A or Single 100A Digitally Adjustable Outputs with
Digital Interface for Control, Compensation and Monitoring
Wide Input Voltage: 4.5V to 16V
Output Voltage Range: 0.5V to 1.8V
90% Full Load Efficiency from 12VIN to 1VOUT at 100A
0.5% Maximum DC Output Error Over Temperature
3% Current Readback Accuracy (25°C to 125°C)
Integrated Input Current Sense Amplifier
400kHz PMBus-Compliant I2C Serial Interface
Supports Telemetry Polling Rates Up to 125Hz
Integrated 16-Bit ΔΣ ADC
Constant Frequency Current Mode Control
Parallel and Current Share Multiple Modules
15mm × 22mm × 7.87mm BGA Package
Readable Data:
Input and Output Voltages, Currents, and Temperatures
Running Peak Values, Uptime, Faults and Warnings
Internal EEPROM and Fault Logging with ECC
Writable Data and Configurable Parameters:
Output Voltage, Voltage Sequencing and Margining
Digital Soft-Start/Stop Ramp
Optimize Analog Loop Compensation
OV/UV/OT, UVLO, Frequency and Phasing

APPLICATIONS
System Optimization, Characterization and Data Mining
in Prototype, Production and Field Environments
Telecom, Datacom, and Storage Systems




Similar Part No. - LTM4700IY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM4700 AD-LTM4700 Datasheet
2Mb / 110P
Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
LTM4700 AD-LTM4700 Datasheet
3Mb / 132P
Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
LTM4700 AD-LTM4700 Datasheet
6Mb / 114P
2-Channel 짹60V Power System Manager
LTM4700 AD-LTM4700 Datasheet
1Mb / 38P
Dual Channel 6A, 20V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
LTM4700 AD-LTM4700 Datasheet
1Mb / 26P
Quad Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
More results


Similar Description - LTM4700IY

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4676A LINER-LTM4676A_15 Datasheet
1Mb / 130P
Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4675 LINER-LTM4675_15 Datasheet
2Mb / 128P
Dual 9A or Single 18A Module Regulator with Digital Power System Management
LTM4676 LINER-LTM4676_15 Datasheet
1Mb / 78P
Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4676A LINER-LTM4676A Datasheet
2Mb / 136P
Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
logo
Analog Devices
LTM4678 AD-LTM4678 Datasheet
6Mb / 124P
Dual 25A or Single 50A 關Module Regulator with Digital Power System Management
LTC7132 AD-LTC7132 Datasheet
4Mb / 118P
25A, Dual PolyPhase Regulator with Digital Power System Management
LTM4681 AD-LTM4681 Datasheet
3Mb / 132P
Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
LTM4686B AD-LTM4686B Datasheet
3Mb / 130P
Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
Rev. 0
LTM4652 AD-LTM4652 Datasheet
4Mb / 38P
Source/Sink Dual ±25A or Single ±50A μModule Regulator with Input Overvoltage Protection
Rev. 0
LTM4683 AD-LTM4683 Datasheet
5Mb / 132P
Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com