Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM5766 Datasheet (PDF) - AMtek SEMICONDUCTORS CO., LTD

AM5766 Datasheet PDF - AMtek SEMICONDUCTORS CO., LTD
Part # AM5766
Download  AM5766 Download
File Size   121.09 Kbytes
Page   10 Pages
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD
Description 5-channel BTL Driver for DVD player

AM5766 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM5766 Datasheet PDF - AMtek SEMICONDUCTORS CO., LTD

Part # AM5766
Download  AM5766 Click to download

File Size   121.09 Kbytes
Page   10 Pages
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD
Description 5-channel BTL Driver for DVD player

AM5766 Datasheet (HTML) - AMtek SEMICONDUCTORS CO., LTD


AM5766 Product details

Features
1) Two channels are voltage-type BTL drivers for
actuators of tracking and focus. Two channels are
voltage-type BTL driver for sled and spindle
motors. It is also built-in one channel bi-direction
DC motor driver for tray.
2) Wide dynamic range [9.0V (typ.) when Vcc1=
Vcc2= 12V, at RL= 20Ω load].
3) Separating power of Vcc1 and Vcc2 is to
improve power efficiency by a low supply
voltage for tracking, focus, and spindle.
4) Level shift circuit built-in.
5) Thermal shut down circuit built-in.
6) Mute mode built-in.
7) Dual actuator drivers:
A general purpose input OP provides differential
input for signal addition. The output structure is
two power OPAMPS in bridge configuration.
8) Sled motor driver:
A general purpose input OP provides differential
input for signal addition. The output structure is
one power OPAMP in bridge configuration.
8) Spindle driver:
Single input linear BTL driver. The output
structure are two power OPAMPS in bridge
configuration.
10) Tray in-out driver:
The DC motor driver supports forward/reverse
control for tray motor.
11) 2 Built-in regulator controllers
Adjustable range 1.25V ~ 4V
12) A free comparator
For spindle motor back emf detection




Similar Part No. - AM5766

ManufacturerPart #DatasheetDescription
logo
AMtek SEMICONDUCTORS CO...
AM5766FM AMTEK-AM5766FM Datasheet
379Kb / 10P
5-channel BTL Driver for DVD player
Aug 2012 V1.5
More results


Similar Description - AM5766

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CMD4508 CERAMATE-CMD4508 Datasheet
205Kb / 6P
5-CH BTL Driver for DVD Player
CMD4505 CERAMATE-CMD4505 Datasheet
293Kb / 6P
5-CH BTL Driver for DVD Player
logo
Unisonic Technologies
UA8888S UTC-UA8888S Datasheet
143Kb / 8P
5-CHANNEL BTL DRIVER FOR DVD PLAYER
UA8868 UTC-UA8868 Datasheet
207Kb / 6P
5-CHANNEL BTL DRIVER FOR DVD PLAYER
UA8868S UTC-UA8868S Datasheet
120Kb / 6P
5-CHANNEL BTL DRIVER FOR DVD PLAYER
UA8868 UTC-UA8868_15 Datasheet
207Kb / 6P
5-CHANNEL BTL DRIVER FOR DVD PLAYER
UA8868S UTC-UA8868S_15 Datasheet
120Kb / 6P
5-CHANNEL BTL DRIVER FOR DVD PLAYER
logo
AMtek SEMICONDUCTORS CO...
AM5766FM AMTEK-AM5766FM Datasheet
379Kb / 10P
5-channel BTL Driver for DVD player
Aug 2012 V1.5
AM5888S AMTEK-AM5888S Datasheet
99Kb / 10P
5-channel BTL Driver for DVD player
Oct 2005 V1.3
AM5890S AMTEK-AM5890S Datasheet
121Kb / 11P
5-channel BTL Driver for DVD player
May 2010 V1.6T
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com