Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N042E-WF1 Datasheet (PDF) - Tripp Lite. All Rights Reserved

N042E-WF1 Datasheet PDF - Tripp Lite. All Rights Reserved
Part # N042E-WF1
Download  N042E-WF1 Download
File Size   38.73 Kbytes
Page   2 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Single-Gang European-Style Gang Frame for Insert Modules, White

N042E-WF1 Datasheet (PDF)

Go To PDF Page Download Datasheet
N042E-WF1 Datasheet PDF - Tripp Lite. All Rights Reserved

Part # N042E-WF1
Download  N042E-WF1 Click to download

File Size   38.73 Kbytes
Page   2 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Single-Gang European-Style Gang Frame for Insert Modules, White

N042E-WF1 Datasheet (HTML) - Tripp Lite. All Rights Reserved


N042E-WF1 Product details

Features
European Gang Frame Connects Your In-Wall Audio/Video, Voice or Data Cable Line
This European-style outlet gang frame for mounting and trunking is ideal for terminating your premise
wiring applications, including home theater, VoIP phones and Ethernet. The N042E-WF1 protects
electrical and network cables to help prevent accidental damage to your application. It’s compatible with
Tripp Lite’s N042E-Series European unloaded modules and blank insert (sold separately).

High-Impact Construction Designed to Blend In Seamlessly with Your Room
This white plastic cover plate measures 81 x 81 x 15 millimeters (outer frame) and 45 x 45 millimeters
(inner frame). It helps hide unattractive cabling and blends elegantly into any home or office décor for a
sleek, professional installation. The ABS plastic construction meets UL 94V-0 flame-retardant standards
for protection against fire and high heat.




Similar Part No. - N042E-WF1

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N042E-WHM-C1 TRIPPLITE-N042E-WHM-C1 Datasheet
36Kb / 2P
1-Port European-Style Insert, Coax Coupler (F/F), 22.5 x 45 mm, White
N042E-WHM0 TRIPPLITE-N042E-WHM0 Datasheet
34Kb / 2P
Blank Snap-In Insert, European Style, Vertical, 22.5 x 45 mm, White
N042E-WHM1-S TRIPPLITE-N042E-WHM1-S Datasheet
36Kb / 2P
1-Port European-Style Insert, Unloaded Shuttered Module, 22.5 x 45 mm, White
N042E-WHMR TRIPPLITE-N042E-WHMR Datasheet
34Kb / 2P
Color Ring for European-Style Insert, 22.5 x 45 mm, Black
N042E-WM1-S TRIPPLITE-N042E-WM1-S Datasheet
36Kb / 2P
1-Port European-Style Insert, Unloaded Shuttered Module, 45 x 45 mm, White
More results


Similar Description - N042E-WF1

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N080-SMB1-WH TRIPPLITE-N080-SMB1-WH Datasheet
500Kb / 2P
Single-Gang Surface-Mount Junction Box, White
N042D-100-WH TRIPPLITE-N042D-100-WH Datasheet
153Kb / 2P
Single-Gang Faceplate, Decora Style - Vertical, White
N042D-200-WH TRIPPLITE-N042D-200-WH Datasheet
156Kb / 2P
Double-Gang Faceplate, Decora Style - Vertical, White
N042D-300-WH TRIPPLITE-N042D-300-WH Datasheet
157Kb / 2P
Triple-Gang Faceplate, Decora Style - Vertical, White
N042U-WF1-1 TRIPPLITE-N042U-WF1-1 Datasheet
37Kb / 2P
Single-Gang UK-Style Gang Frame for Insert Modules, Hidden Screws, White
N042U-WF1-2 TRIPPLITE-N042U-WF1-2 Datasheet
36Kb / 2P
Single-Gang UK-Style Gang Frame for Insert Modules, White
N042E-MB1 TRIPPLITE-N042E-MB1 Datasheet
40Kb / 2P
Single-Gang Surface Mounting Box, European Style, 81 x 81 x 45 mm, White
N042U-WF1-6C TRIPPLITE-N042U-WF1-6C Datasheet
35Kb / 2P
1-Port UK-Style Gang Frame for 6C-Type Insert Module, White
N042U-WF2-2 TRIPPLITE-N042U-WF2-2 Datasheet
36Kb / 2P
Double-Gang UK-Style Gang Frame for Insert Modules, White
N042U-WF2-6C TRIPPLITE-N042U-WF2-6C Datasheet
34Kb / 2P
4-Port UK-Style Gang Frame for 6C-Type Insert Module, White
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com