Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U280-CQ01 Datasheet (PDF) - Tripp Lite. All Rights Reserved

U280-CQ01 Datasheet PDF - Tripp Lite. All Rights Reserved
Part # U280-CQ01
Download  U280-CQ01 Download
File Size   196.6 Kbytes
Page   3 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Wireless Car Charger - 15W Fast Charging, USBC, Apple and Samsung Compatible, Windshield/Dash/Vent Phone Holder

U280-CQ01 Datasheet (PDF)

Go To PDF Page Download Datasheet
U280-CQ01 Datasheet PDF - Tripp Lite. All Rights Reserved

Part # U280-CQ01
Download  U280-CQ01 Click to download

File Size   196.6 Kbytes
Page   3 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Wireless Car Charger - 15W Fast Charging, USBC, Apple and Samsung Compatible, Windshield/Dash/Vent Phone Holder

U280-CQ01 Datasheet (HTML) - Tripp Lite. All Rights Reserved


U280-CQ01 Product details

Features
Wireless Car Charger Delivers up to 15W to Get Your Device to Capacity While You TravelWho
wants to plug and unplug power cords when you just want to charge your cell phone? The U280-CQ01
makes charging in your vehicle more convenient by doing it wirelessly. Plug the included USB cable from
the mobile charger to any compatible USB-A car charger, like the U280-C02-45W-1B (sold separately).
Place your Qi-compliant device between the secure clamps on each side of the charger and your device
will begin to power up. This wireless phone charger even works through most protective phone cases up
to 5 millimeters. Note: please remove any magnetic or metal objects from your phone or case before
charging.

Compatible with Qi-Compliant Cell Phones to Ensure a Safe, Flawless ChargeThis Qi wireless
charger works with all Qi smartphones from Apple, Samsung, Sony, LG, Nokia and other popular brands,
including iPhone and Galaxy S10 models. It protects your expensive device from overheating and
overcharging that could lead to internal damage. Dual LEDs glow blue to indicate the charging process is
underway. The Qi charger supports power output up to 15W and inputs of 5V 2A, 9V 1.67A and 12V 1.5A.

Keeps Your Phone Secure for Hands-Free Use While DrivingUse the included cable to connect the
wireless charging pad to a user-supplied USB-A power adapter installed in your vehicle (Quick Charge 2.0
or 3.0 adapter is recommended for high-speed charging). A mounting stand and mounting clip are
included for securing your phone to the windshield, dashboard or air vents of your vehicle. Adjustable
clamps with anti-slip silicon pads effortlessly hold your phone in place while you’re driving, even over
bumpy roads.

Applications
Transfer power from your
vehicle’s power outlet to your
smartphone’s battery without the
burden of carrying and
connecting extra cabling




Similar Part No. - U280-CQ01

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U280-C01-25-1B TRIPPLITE-U280-C01-25-1B Datasheet
167Kb / 3P
USB Car Charger - 25W PD Charging, USB-C, Black
U280-C02-30W-C6 TRIPPLITE-U280-C02-30W-C6 Datasheet
183Kb / 3P
Dual-Port USB Car Charger with 30W Charging - USB-C (18W) QC 3.0, USB-A (12W), Coiled 6 ft. (1.83 m) USB-C Cable, Black
U280-C02-30W-K TRIPPLITE-U280-C02-30W-K Datasheet
163Kb / 3P
Dual-Port USB Car Charger - 30W PD Charging, USB-C (18W) & USB-A (12W), USB-C to Lightning Cable, White
U280-C02-39W-1B TRIPPLITE-U280-C02-39W-1B Datasheet
182Kb / 3P
Dual-Port USB Car Charger with 39W Charging - USB-C (27W) PD 3.0, USB-A (12W), Black
U280-C02-45W-2B TRIPPLITE-U280-C02-45W-2B Datasheet
183Kb / 3P
Dual-Port USB-C Car Charger with 45W PD Charging - USB-C (27W), USB-C (18W), Black
More results


Similar Description - U280-CQ01

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U280001C2 TRIPPLITE-U280001C2 Datasheet
496Kb / 2P
USB Tablet - Phone Car Charger, 5V - 2.4A
U280002C12 TRIPPLITE-U280002C12 Datasheet
504Kb / 2P
Dual USB Tablet - Phone Car Charger, 5V - 3.1A
U280-001-C2 TRIPPLITE-U280-001-C2 Datasheet
506Kb / 2P
USB Tablet / Phone Car Charger, 5V 2.4A / 12W
logo
Shenzhen Huazhimei Semi...
HM6610 HMSEMI-HM6610 Datasheet
1Mb / 13P
Support smart interface chip of QC3.0/Apple mobile phone/Samsung mobile phone
logo
Tripp Lite. All Rights ...
U280-Q01FL-BK TRIPPLITE-U280-Q01FL-BK Datasheet
161Kb / 3P
Wireless Phone Charger - 10W, Qi Certified, Apple and Samsung Compatible, Black
U280-Q01FL-BK-2 TRIPPLITE-U280-Q01FL-BK-2 Datasheet
176Kb / 3P
15W Smartphone Wireless Fast Charging Pad, Black
UPB-10K0-1U1CQ TRIPPLITE-UPB-10K0-1U1CQ Datasheet
163Kb / 3P
Portable Wireless Charging Power Bank - 10,000 mAh, Qi Certified, Apple and Samsung Compatible, Black
logo
IOGEAR
GPAWC20W IOGEAR-GPAWC20W Datasheet
147Kb / 3P
GearPower? Compact USBC 20W Charger
logo
Tripp Lite. All Rights ...
U280-Q01ST-BK TRIPPLITE-U280-Q01ST-BK Datasheet
184Kb / 3P
Wireless Charging Stand - 10W Fast Charging, Apple and Samsung Compatible, Black
logo
Renesas Technology Corp
P9243-GB RENESAS-P9243-GB Datasheet
1Mb / 41P
Wireless Power Transmitter for Smartphones with Fast Charging Modes and 15W Applications
July 7, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com