Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS16GCF100I Datasheet (PDF) - Transcend Information. Inc.

TS16GCF100I Datasheet PDF - Transcend Information. Inc.
Part # TS16GCF100I
Download  TS16GCF100I Download
File Size   3425.54 Kbytes
Page   80 Pages
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.
Description Transcend Industrial CF Card (TS123M~16GCF100I)

TS16GCF100I Datasheet (PDF)

Go To PDF Page Download Datasheet
TS16GCF100I Datasheet PDF - Transcend Information. Inc.

Part # TS16GCF100I
Download  TS16GCF100I Click to download

File Size   3425.54 Kbytes
Page   80 Pages
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.
Description Transcend Industrial CF Card (TS123M~16GCF100I)

TS16GCF100I Datasheet (HTML) - Transcend Information. Inc.


TS16GCF100I Product details

Description
The Transcend CF100I is a High Speed industrial
Compact Flash Card with high quality Flash Memory
assembled on a printed circuit board.

Features
• CompactFlash Specification Version 4.1 Complaint
• RoHS compliant products
• Single Power Supply: 3.3V
±
5% or 5V
±
10%
• Operating Temperature: -40oC to 85oC
• Storage Temperature: -55oC to 100oC
• Operation Modes:
 PC Card Memory Mode
 PC Card IO Mode
 True IDE Mode
• True IDE Mode supports:
 Ultra DMA Mode 0 to Ultra DMA Mode 4
 Multi-Word DMA Mode 0 to Multi-Word DMA Mode 4
 PIO Mode 0 to PIO Mode 6
 (Series of –P Only support PIO Mode 0 to PIO Mode
4, please see Order Information)
• True IDE Mode: Fixed Disk (Standard)
• PC Card Mode: Fixed Disk (Standard)
• Durability of Connector: 10,000 times
• MTBF: 4,000,000 hours
• Support Wear-Leveling to extend product life
• Support S.M.A.R.T (Self-defined)
• Support Security Command
• Compliant to CompactFlash, PCMCIA, and ATA
standards
• Mechanical Shock Test: 1500G
• Vibration Test: 20G (Peak-to-Peak)
20Hz to 2000Hz (Frequency)




Similar Part No. - TS16GCF100I

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS16GCF100I TRANSCEND-TS16GCF100I Datasheet
3Mb / 80P
Industrial CF Card
More results


Similar Description - TS16GCF100I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6320 ETC2-AU6320 Datasheet
522Kb / 19P
USB2.0 CF Card Reader Controller
logo
Transcend Information. ...
TS128MCF100I TRANSCEND-TS128MCF100I Datasheet
3Mb / 80P
Industrial CF Card
logo
3M Electronics
91736 3M-91736 Datasheet
424Kb / 5P
3M™ CF Card Header
23-Sep-2005
logo
List of Unclassifed Man...
AP-CF128ME3ER-NRJ ETC2-AP-CF128ME3ER-NRJ Datasheet
185Kb / 21P
Value Added Compact Flash Series ??Specification for Industrial CF
AP-CF128ME3ER-NRK ETC2-AP-CF128ME3ER-NRK Datasheet
795Kb / 45P
Value Added Compact Flash Series ??Specification for Industrial CF
AP-CF128ME3NR-NRQ ETC2-AP-CF128ME3NR-NRQ Datasheet
191Kb / 19P
Compact Flash Series ??Industrial CF Specifications
logo
PHOENIX CONTACT
2701668 PHOENIX-2701668 Datasheet
46Kb / 2P
Memory card - 16GB CF
2701669 PHOENIX-2701669 Datasheet
52Kb / 1P
Memory card - 32GB CF
logo
Apacer Technology Inc.
CM710-CF APACER-CM710-CF Datasheet
2Mb / 5P
Apacer industrial CM710-CF card
CS710-CF APACER-CS710-CF Datasheet
2Mb / 5P
Apacer industrial CS710-CF card
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com