| Manufacturer | Part # | Datasheet | Description |
 Microchip Technology |
MCP1316T-29LE-OT
|
737Kb / 52P |
MCP131X/2X
11/29/11 |
 Assmann Electronics Inc... |
AK-AV501-R
|
80Kb / 1P |
2X RCA PLUG
|
 Tyco Electronics |
1-2823591-1
|
216Kb / 1P |
TRANSIT ANTENNA MiMo Without GPS,2X 698-960/1710-6000 MHz
|
|
1-2823592-1
|
240Kb / 1P |
TRANSIT ANTENNA MiMo with GPS/GNSS,2X 698-960/1710-6000 MHZ
|
 Pulse A Technitrol Comp... |
LPMB40X
|
3Mb / 35P |
2X LTE, 2XWiFi Vehicular Antenna
|
 CommScope Inc. |
R2V4PX310R
|
528Kb / 3P |
12-port sector antenna, 4x 698–960 and 8x 1710–2690 MHz, 65° HPBW, 6x RET with manual override. Bands cascaded SRET (Antenna 1 and Antenna 2).
February 8, 2020 |
|
HBX-3319DS-VTM
|
367Kb / 4P |
2-port sector antenna, 2x 1710–2180 MHz, 33° HPBW, RET compatible
November 1, 2021 |
|
HBXX-3319DS-VTM
|
378Kb / 3P |
4-port sector antenna, 4x 1710–2180 MHz, 33° HPBW, RET compatible
July 28, 2022 |
|
CVVPX306R3
|
657Kb / 4P |
6-port sector antenna, 2x 790–960 and 4x 1710–2690 MHz, 65° HPBW, 3x RET with manual override
July 15, 2019 |
|
NNNOX310R
|
231Kb / 2P |
Tri-sector Antenna, 3x 1710-2170 MHz, 65° horizontal beamwidth, RET compatible
November 15, 2016 |