Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

400601409 Datasheet (PDF) - TE Connectivity Ltd

400601409 Datasheet PDF - TE Connectivity Ltd
Part # 400601409
Download  400601409 Download
File Size   137.64 Kbytes
Page   3 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description Surface Sensor for High Rel & Aerospace

400601409 Datasheet (PDF)

Go To PDF Page Download Datasheet
400601409 Datasheet PDF - TE Connectivity Ltd

Part # 400601409
Download  400601409 Click to download

File Size   137.64 Kbytes
Page   3 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description Surface Sensor for High Rel & Aerospace

400601409 Datasheet (HTML) - TE Connectivity Ltd


400601409 Product details

FEATURES
ESCC qualified.
ESCC Detail Specification No. 4006014
ESCC Part No. 400601409.
Flat aluminum housing.
Radiation cross linked modified fluoropolymer
insulation.
Operating temperature range: -60°C to + 160°C.

APPLICATIONS
Satellite electric motors.
Monitoring of gearboxes in satellites.
Temperature compensation.
Battery power packs.
Vision systems.
Monitoring of actuators.
Panel temperature measurement

DESCRIPTION
Matched Glass Coated NTC Thermistor Beads mounted on an aluminum housing and encapsulated in Stycast 2850FT epoxy. Wire connection is by 26AWG stranded / insulated leads. Lead wire is in accordance with ESCC Detail Specification no. 3901/012 varaint 03.
Note: Lead Wire not to be cut to less than 50mm from Thermistor Head




Similar Part No. - 400601409

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
400601413 TEC-400601413 Datasheet
136Kb / 3P
Surface Sensor for High Rel & Aerospace
25/03/14 Rev 03
More results


Similar Description - 400601409

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
S114-5 TELEDYNE-S114-5 Datasheet
40Kb / 3P
CENTIGRID SURFACE MOUNT AEROSPACE RELAY DPDT
logo
Seme LAB
2N3767SMD SEME-LAB-2N3767SMD Datasheet
23Kb / 2P
NPN BIPOLAR TRANSISTOR IN A CERAMIC SURFACE MOUNT PACKAGE FOR HIGH REL APPLICATIONS
logo
Amphenol Corporation
T3-4120-10P AMPHENOL-T3-4120-10P Datasheet
3Mb / 39P
environmental connectors for military/aerospace applications
logo
Tyco Electronics
HFW1130K06 MACOM-HFW1130K06 Datasheet
122Kb / 2P
Military/Aerospace High Performance Relays
logo
ITT Industries
D20419-80 ITT-D20419-80 Datasheet
8Mb / 386P
Military/Aerospace
logo
C&K Components
M837319-311 CK-COMPONENTS-M837319-311 Datasheet
367Kb / 5P
Military/Aerospace/HI-REL MIL-S-83731 Toggle Switches
logo
Tyco Electronics
HFW1201K00 MACOM-HFW1201K00 Datasheet
92Kb / 2P
Military Aerospace High Performance Relays
logo
Pulse A Technitrol Comp...
T-330SCT PULSE-T-330SCT Datasheet
377Kb / 4P
MILITARY/AEROSPACE
logo
TE Connectivity Ltd
G15K4D589 TEC-G15K4D589 Datasheet
136Kb / 3P
Surface Sensor for High Rel & Aerospace
25/03/14 Rev 03
EN2997 TEC-EN2997 Datasheet
1Mb / 20P
HIGH-PERFORMANCE AEROSPACE CONNECTORS FOR AIRCRAFT ENGINES & BOOSTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com