Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIXXILCD-25 Datasheet (PDF) - 4D Systems Pty Ltd

PIXXILCD-25 Datasheet PDF - 4D Systems Pty Ltd
Part # PIXXILCD-25
Download  PIXXILCD-25 Download
File Size   2806.34 Kbytes
Page   21 Pages
Manufacturer  4DSYSTEMS [4D Systems Pty Ltd]
Direct Link  https://4dsystems.com.au/
Logo 4DSYSTEMS - 4D Systems Pty Ltd
Description PIXXI DISPLAY MODULE SERIES

PIXXILCD-25 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIXXILCD-25 Datasheet PDF - 4D Systems Pty Ltd

Part # PIXXILCD-25
Download  PIXXILCD-25 Click to download

File Size   2806.34 Kbytes
Page   21 Pages
Manufacturer  4DSYSTEMS [4D Systems Pty Ltd]
Direct Link  https://4dsystems.com.au/
Logo 4DSYSTEMS - 4D Systems Pty Ltd
Description PIXXI DISPLAY MODULE SERIES

PIXXILCD-25 Datasheet (HTML) - 4D Systems Pty Ltd


PIXXILCD-25 Product details

1. Description
The pixxiLCD-25 is part of the new and revolutionary pixxiLCD series of embedded graphics displays designed and manufactured by 4D Systems. Developed with low total cost of ownership in mind, this 2.5” square colour IPS TFT-LCD compact Intelligent Display module offers an array of functionality and options for any designer, integrator or user.
The 2.5” square display is IPS, making it have very wide viewing angles.
The pixxiLCD-25 is powered by the configurable PIXXI-44 graphics processor, allowing various functionalities such as touch detection, microSD or serial flash memory storage, and GPIO, along with multiple millisecond resolution timers, and UART and I2C communications.
The pixxiLCD-25 embedded graphics displays come in two variants:
• Non-touch (pixxiLCD-25P4)
• Capacitive touch (pixxiLCD-25P4-CTP w/o CLB)
The pixxiLCD embedded graphics displays are 100% compatible with the Workshop4 IDE, which provides users with a wealth of options for programming and controlling their system.
The pixxiLCD embedded graphics displays feature a standard 15-way, 0.5mm pitch ZIF Socket interface which carries the UART, I/O, I2C, power, and reset signals to/from the display.

2. Features
• Powerful 2.5” Intelligent TFT IPS display module powered by PIXXI-44
• 240 x 240 Resolution, RGB 65K TFT Screen
• Capacitive Touch Panel (pixxiLCD-25P4-CTP)
• 32KB of Flash memory for user application code.
• 30KB of SRAM for user variables.
• Selectable 16MB Serial Flash memory chip for multimedia storage, data files, fonts, or for holding extra code functions (to expand the code storage of the processor)
• Selectable on-board push type micro-SD memory card connector for multimedia storage, data files, fonts and data logging purposes.
• 2 General Purpose I/O pins for user interfacing, also configurable as I2C.
• Master I2C port (maximum supported speed is fast I2C) for user application devices.
• UART port, Asynchronous hardware serial, with 300 to 2187500 baud, for interfacing to a Host or Slave device and device programming.
• DOS compatible file access (FAT16 format) using uSD, as well as low-level access to card memory.
• Display full-colour images, animations, icons, and video clips.
• Supports all available Windows fonts.
• Free comprehensive Software Development Tools (Workshop4) provides drag-and-drop style and coding environments for rapid application development, upgradable to Workshop4 PRO for additional features.
• Standard 15-way, 0.5mm pitch ZIF Socket interface which carries the UART, I/O, I2C, power, and reset signals to/from the display.
• Single 5.0 Volt Supply (4.0V to 5.5V range).
• Display Dimensions:
pixxiLCD-25P4: 61.0 x 51.35 x 5.83 mm
pixxiLCD-25P4-CTP: 61.0 x 51.35 x 6.96 mm
• Weight:
pixxiLCD-25P4: ~20 grams
pixxiLCD-25P4-CTP: ~26 grams
• RoHS, REACH and CE compliant.
• PCB is UL 94V-0 Flammability Rated




Similar Part No. - PIXXILCD-25

ManufacturerPart #DatasheetDescription
logo
4D Systems Pty Ltd
PIXXILCD-20 4DSYSTEMS-PIXXILCD-20 Datasheet
2Mb / 23P
PIXXI DISPLAY MODULE SERIES
3 rd November 2020/REVISION: 1. 1
PIXXILCD-20P2 4DSYSTEMS-PIXXILCD-20P2 Datasheet
2Mb / 23P
PIXXI DISPLAY MODULE SERIES
3 rd November 2020/REVISION: 1. 1
PIXXILCD-20P2-CTP-CLB 4DSYSTEMS-PIXXILCD-20P2-CTP-CLB Datasheet
2Mb / 23P
PIXXI DISPLAY MODULE SERIES
3 rd November 2020/REVISION: 1. 1
More results


Similar Description - PIXXILCD-25

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-0216KZW-AB5 NEWHAVEN-NHD-0216KZW-AB5 Datasheet
568Kb / 21P
OLED Display Module
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3 Datasheet
409Kb / 21P
OLED Display Module
logo
List of Unclassifed Man...
ULCD-24-PTU-AR ETC2-ULCD-24-PTU-AR Datasheet
415Kb / 10P
Arduino Display Module Pack Display Module
logo
Crystalfontz America, I...
CFAX12864U-NFH CRYSTAIFONTZ-CFAX12864U-NFH Datasheet
345Kb / 13P
DISPLAY MODULE
logo
4D Systems Pty Ltd
GEN4-ULCD-32D 4DSYSTEMS-GEN4-ULCD-32D Datasheet
3Mb / 29P
gen4 HMI Display Module Series
7 th Se ptember 2021/ REVISION: 1. 9
PIXXILCD-13 4DSYSTEMS-PIXXILCD-13 Datasheet
2Mb / 21P
PIXXI DISPLAY MODULE SERIES
10 th June 2020/ REVISION: 1.0
PIXXILCD-20 4DSYSTEMS-PIXXILCD-20 Datasheet
2Mb / 23P
PIXXI DISPLAY MODULE SERIES
3 rd November 2020/REVISION: 1. 1
PIXXILCD-39 4DSYSTEMS-PIXXILCD-39 Datasheet
3Mb / 21P
PIXXI DISPLAY MODULE SERIES
10 th June 2020/ REVIS ION: 1.0
logo
Bridgetek Pte Ltd.
ME813A-WH50C BRIDGETEK-ME813A-WH50C Datasheet
1Mb / 19P
Display Module
Version 1.0
logo
CHUNGHWA PICTURES TUBES...
CLAA185WA03 CPT-CLAA185WA03 Datasheet
1Mb / 22P
Display Module
2009/05/04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com