Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM410 Datasheet (PDF) - ELM Electronics

ELM410 Datasheet PDF - ELM Electronics
Part # ELM410
Download  ELM410 Download
File Size   28.04 Kbytes
Page   4 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description Triple Debounce Circuit

ELM410 Datasheet (PDF)

Go To PDF Page Download Datasheet
ELM410 Datasheet PDF - ELM Electronics

Part # ELM410
Download  ELM410 Click to download

File Size   28.04 Kbytes
Page   4 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description Triple Debounce Circuit

ELM410 Datasheet (HTML) - ELM Electronics


ELM410 Product details

Description
The ELM410 provides all of the necessary circuitry to connect as many as three independent mechanical contacts to an electronic circuit.
   
Features
• Low power CMOS design - typically 1mA at 5V
• Wide supply range - 3.0 to 5.5 volt operation
• Simultaneous monitoring of three circuits
• Full 25msec debounce period on contact closure
    and opening, without external components
• Internal pullup resistors for contact monitoring
• High current drive outputs - up to 25 mA
• Can be cascaded to provide sequential outputs
   




Similar Part No. - ELM410

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM411 ELM-ELM411 Datasheet
28Kb / 4P
Debounce Circuit with Latch
ELM411P ELM-ELM411P Datasheet
28Kb / 4P
Debounce Circuit with Latch
ELM411SM ELM-ELM411SM Datasheet
28Kb / 4P
Debounce Circuit with Latch
ELM412 ELM-ELM412 Datasheet
27Kb / 4P
Piezo Element Driver
ELM412P ELM-ELM412P Datasheet
27Kb / 4P
Piezo Element Driver
More results


Similar Description - ELM410

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7WZ05FK KEC-KIC7WZ05FK Datasheet
40Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
KIC7WZ34FK KEC-KIC7WZ34FK Datasheet
36Kb / 3P
BIPOLAR LINEAR INTEGRATED CIRCUIT(TRIPLE NON INVERTER)
KIC7WZU04FK KEC-KIC7WZU04FK Datasheet
532Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
logo
ELM Electronics
ELM411 ELM-ELM411 Datasheet
28Kb / 4P
Debounce Circuit with Latch
logo
Toshiba Semiconductor
TC7WG04FC TOSHIBA-TC7WG04FC Datasheet
176Kb / 6P
CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
TC7WH04FC TOSHIBA-TC7WH04FC Datasheet
148Kb / 5P
CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
TC7WH04FU TOSHIBA-TC7WH04FU_07 Datasheet
190Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
logo
Maxim Integrated Produc...
MAX16054 MAXIM-MAX16054 Datasheet
113Kb / 9P
On/Off Controller with Debounce and ±15kV ESD Protection
Rev 0; 5/08
logo
ELM Electronics
ELM401 ELM-ELM401 Datasheet
51Kb / 8P
Rotary Encoder Debounce Circuit
ELM409 ELM-ELM409 Datasheet
57Kb / 8P
Versatile Debounce Circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com