Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMDW8V08R Datasheet (PDF) - Galaxy Power, Inc.

GMDW8V08R Datasheet PDF - Galaxy Power, Inc.
Part # GMDW8V08R
Download  GMDW8V08R Download
File Size   765.93 Kbytes
Page   7 Pages
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.
Description DORADO MV 24V or 48V Input, 8.0V, 12.0V DC, 8A Output 15.0V DC, 6A Output

GMDW8V08R Datasheet (PDF)

Go To PDF Page Download Datasheet
GMDW8V08R Datasheet PDF - Galaxy Power, Inc.

Part # GMDW8V08R
Download  GMDW8V08R Click to download

File Size   765.93 Kbytes
Page   7 Pages
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.
Description DORADO MV 24V or 48V Input, 8.0V, 12.0V DC, 8A Output 15.0V DC, 6A Output

GMDW8V08R Datasheet (HTML) - Galaxy Power, Inc.




Similar Part No. - GMDW8V08R

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
GMDW12V08 BEL-GMDW12V08 Datasheet
539Kb / 7P
DORADO MV DC/DC CONVERTERS
GMDW12V08PERT001 BEL-GMDW12V08PERT001 Datasheet
539Kb / 7P
DORADO MV DC/DC CONVERTERS
GMDW12V08PERT002 BEL-GMDW12V08PERT002 Datasheet
539Kb / 7P
DORADO MV DC/DC CONVERTERS
GMDW12V08PERT003 BEL-GMDW12V08PERT003 Datasheet
539Kb / 7P
DORADO MV DC/DC CONVERTERS
GMDW12V08PERT004 BEL-GMDW12V08PERT004 Datasheet
539Kb / 7P
DORADO MV DC/DC CONVERTERS
More results


Similar Description - GMDW8V08R

ManufacturerPart #DatasheetDescription
logo
Power-One
HHD20ZGE POWER-ONE-HHD20ZGE Datasheet
99Kb / 2P
HHD25 Series . 20/25A, Half-Brick DC/DC Converter 24V/48V Input Dual Output
logo
Galaxy Power, Inc.
GHBW53V08 GALAXY-GHBW53V08 Datasheet
796Kb / 7P
BOLERO HP 48V Input, 53VDC, 8A Output
GPDW5V015R GALAXY-GPDW5V015R Datasheet
755Kb / 6P
DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
logo
Bel Fuse Inc.
07LC-10T BEL-07LC-10T Datasheet
154Kb / 6P
ISOLATED DC/DC CONVERTERS 48V Input / 5V/2A or 12V/1A or 24V/0.5A Output
07LC-25T BEL-07LC-25T Datasheet
150Kb / 7P
ISOLATED DC/DC CONVERTERS 48V Input 3.3V/7A or 5V/5A or 12V/2.5A Output
logo
C&D Technologies
S020-1220120-FB CANDD-S020-1220120-FB Datasheet
198Kb / 9P
DC/DC Converter 12.0V input, 1.2 to 5.0V adjustable output, 20A or 55W
logo
Bel Fuse Inc.
GMDC12V08 BEL-GMDC12V08 Datasheet
561Kb / 7P
DORADO MV DC/DC CONVERTERS
GMDW12V08 BEL-GMDW12V08 Datasheet
539Kb / 7P
DORADO MV DC/DC CONVERTERS
logo
List of Unclassifed Man...
ZUS62405 ETC2-ZUS62405 Datasheet
492Kb / 12P
Rated input 5V, 12V, 24V or 48V DC Io=100%.
logo
TDK Electronics
PAF600F TDK-PAF600F Datasheet
225Kb / 2P
24V 48V Input Full brick DC-DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com