Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX23L3213 Datasheet (PDF) - Macronix International

MX23L3213 Datasheet PDF - Macronix International
Part # MX23L3213
Download  MX23L3213 Download
File Size   181.4 Kbytes
Page   6 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 32M-BIT MASK ROM

MX23L3213 Datasheet (PDF)

Go To PDF Page Download Datasheet
MX23L3213 Datasheet PDF - Macronix International

Part # MX23L3213
Download  MX23L3213 Click to download

File Size   181.4 Kbytes
Page   6 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 32M-BIT MASK ROM

MX23L3213 Datasheet (HTML) - Macronix International


MX23L3213 Product details

FEATURES
• Bit organization
    - 4M x 8 (byte mode)
    - 2M x 16 (word mode)
• Fast access time
    - Random access:70ns(max.)
• Current
    - Operating:16mA
    - Standby:5uA
• Supply voltage
    - 2.7V ~ 3.6V
• Package
    - 48 pin TSOP (12mm x 20mm)
• Temperature
    - -40 ~ 85° C




Similar Part No. - MX23L3213

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L3210 MCNIX-MX23L3210 Datasheet
624Kb / 10P
32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L3210MC-10 MCNIX-MX23L3210MC-10 Datasheet
624Kb / 10P
32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L3210MC-12 MCNIX-MX23L3210MC-12 Datasheet
624Kb / 10P
32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L3210MC-15 MCNIX-MX23L3210MC-15 Datasheet
624Kb / 10P
32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L3210RC-10 MCNIX-MX23L3210RC-10 Datasheet
624Kb / 10P
32M-BIT (4M x 8 / 2M x 16) Mask ROM
More results


Similar Description - MX23L3213

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L3222 MCNIX-MX23L3222 Datasheet
37Kb / 6P
32M-BIT MASK ROM (16/32 BIT OUTPUT)
logo
Samsung semiconductor
K3P6C2000B-SC SAMSUNG-K3P6C2000B-SC Datasheet
63Kb / 4P
32M-Bit (2Mx16 /1Mx32) CMOS MASK ROM
KM23V32005BG SAMSUNG-KM23V32005BG Datasheet
87Kb / 5P
32M-Bit (4Mx8/2Mx16) COMS MASK ROM
logo
Macronix International
MX23L3212 MCNIX-MX23L3212 Datasheet
156Kb / 6P
32M-BIT MASK ROM
MX23L3214 MCNIX-MX23L3214 Datasheet
435Kb / 9P
32M-BIT MASK ROM
MX23L3216 MCNIX-MX23L3216 Datasheet
39Kb / 5P
32M-BIT MASK ROM
logo
SONiX Technology Compan...
SNR032 SONIX-SNR032 Datasheet
250Kb / 10P
32M-bit Mask ROM
logo
Macronix International
MX23C3210 MCNIX-MX23C3210_99 Datasheet
118Kb / 8P
32M-BIT MASK ROM (8/16-BIT OUTPUT)
logo
Generalplus Technology ...
GPR23L3200E GENERALPLUS-GPR23L3200E Datasheet
238Kb / 10P
32M-BIT MASK ROM
GPR23L3211E GENERALPLUS-GPR23L3211E Datasheet
302Kb / 10P
32M-Bit Page Mode Mask Rom
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com