Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS7740G Datasheet (PDF) - Infineon Technologies AG

BTS7740G Datasheet PDF - Infineon Technologies AG
Part # BTS7740G
Download  BTS7740G Download
File Size   249.79 Kbytes
Page   16 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description TrilithIC

BTS7740G Datasheet (PDF)

Go To PDF Page Download Datasheet
BTS7740G Datasheet PDF - Infineon Technologies AG

Part # BTS7740G
Download  BTS7740G Click to download

File Size   249.79 Kbytes
Page   16 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description TrilithIC

BTS7740G Datasheet (HTML) - Infineon Technologies AG


BTS7740G Product details

Description

The BTS 7740 G is part of the TrilithIC family containing three dies in one package: One double high-side switch and two low-side switches. The drains of these three vertical DMOS chips are mounted on separated leadframes. The sources are connected to individual pins, so the BTS 7740 G can be used in H-bridge- as well as in any other configuration. Both the double high-side and the two low-side switches of the BTS 7740 G are manufactured in SMART SIPMOS® technology which combines low RDS ON vertical DMOS power stages with CMOS control circuitry. The high-side switch is fully protected and contains the control and diagnosis circuitry. Also the low-side switches are fully protected, the equivalent standard product is the BSP 77.



Features

• Quad D-MOS switch driver

• Free configurable as bridge or quad-switch

• Optimized for DC motor management applications

• Low RDS ON: 110 mτ high-side switch, 100 mτ low side switch (typical values @ 25℃)

• Maximum peak current: typ. 8 A @ 25℃

• Very low quiescent current: typ. 5 µA @ 25℃

• Small outline, enhanced power P-DSO-package

• Full short-circuit-protection

• Operates up to 40 V

• Status flag diagnosis

• Overtemperature shut down with hysteresis

• Internal clamp diodes

• Isolated sources for external current sensing

• Under-voltage detection with hysteresis

• PWM frequencies up to 1 kHz




Similar Part No. - BTS7740G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7741G INFINEON-BTS7741G Datasheet
284Kb / 16P
TrilithIC
2003-03-06
logo
Siemens Semiconductor G...
BTS774G SIEMENS-BTS774G Datasheet
94Kb / 17P
TrilithIC
More results


Similar Description - BTS7740G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7710GP INFINEON-BTS7710GP Datasheet
238Kb / 16P
TrilithIC
2001-02-01
logo
Siemens Semiconductor G...
BTS774G SIEMENS-BTS774G Datasheet
94Kb / 17P
TrilithIC
logo
Infineon Technologies A...
BTS780GP INFINEON-BTS780GP Datasheet
314Kb / 18P
TrilithIC
1999-06-22
BTM7740G INFINEON-BTM7740G Datasheet
330Kb / 18P
TrilithIC
Rev. 1.0, May 2007
BTM7751G INFINEON-BTM7751G Datasheet
567Kb / 18P
TrilithIC
Rev. 1.0, June 2008
BTM7811K INFINEON-BTM7811K Datasheet
573Kb / 19P
TrilithIC
Rev. 1.0, May 2008
BTM7810K INFINEON-BTM7810K Datasheet
567Kb / 18P
TrilithIC
Rev. 1.0, May 2008
BTM7710G INFINEON-BTM7710G Datasheet
322Kb / 18P
TrilithIC
Rev. 1.0, June 2008
BTM7750GP INFINEON-BTM7750GP Datasheet
352Kb / 18P
TrilithIC
Rev. 1.0, July 2008
BTS7750G INFINEON-BTS7750G Datasheet
226Kb / 16P
TrilithIC
2001-02-01
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com