Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX23L8102 Datasheet (PDF) - Macronix International

MX23L8102 Datasheet PDF - Macronix International
Part # MX23L8102
Download  MX23L8102 Download
File Size   156.66 Kbytes
Page   6 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 8M-BIT MASK ROM

MX23L8102 Datasheet (PDF)

Go To PDF Page Download Datasheet
MX23L8102 Datasheet PDF - Macronix International

Part # MX23L8102
Download  MX23L8102 Click to download

File Size   156.66 Kbytes
Page   6 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 8M-BIT MASK ROM

MX23L8102 Datasheet (HTML) - Macronix International


MX23L8102 Product details

FEATURES
• Bit organization
    - 1M x 8 (byte mode)
    - 512K x 16 (word mode)
• Fast access time
    - Random access:70ns(max.)
• Current
    - Operating:15mA
    - Standby:5uA
• Supply voltage
    - 2.7V ~ 3.6V
• Package
    - 48 ball mini BGA (6mm x 8mm, ball pitch 0.8mm, ball size 0.4mm)




Similar Part No. - MX23L8102

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L8100 MCNIX-MX23L8100 Datasheet
733Kb / 9P
8M-BIT MASK ROM(8/16 BIT OUTPUT)
MX23L8100MC-10 MCNIX-MX23L8100MC-10 Datasheet
733Kb / 9P
8M-BIT MASK ROM(8/16 BIT OUTPUT)
MX23L8100MC-12 MCNIX-MX23L8100MC-12 Datasheet
733Kb / 9P
8M-BIT MASK ROM(8/16 BIT OUTPUT)
MX23L8100MC-15 MCNIX-MX23L8100MC-15 Datasheet
733Kb / 9P
8M-BIT MASK ROM(8/16 BIT OUTPUT)
MX23L8100PC-10 MCNIX-MX23L8100PC-10 Datasheet
733Kb / 9P
8M-BIT MASK ROM(8/16 BIT OUTPUT)
More results


Similar Description - MX23L8102

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNR008 SONIX-SNR008 Datasheet
324Kb / 9P
8M-bit Mask ROM
logo
Macronix International
MX23C8100 MCNIX-MX23C8100 Datasheet
731Kb / 9P
8M-BIT MASK ROM (8/16 BIT OUTPUT)
MX23L8000 MCNIX-MX23L8000 Datasheet
329Kb / 7P
8M-BIT MASK ROM (8 BIT OUTPUT)
MX23L8100 MCNIX-MX23L8100 Datasheet
733Kb / 9P
8M-BIT MASK ROM(8/16 BIT OUTPUT)
logo
Samsung semiconductor
KM23V8105D SAMSUNG-KM23V8105D Datasheet
91Kb / 5P
8M-Bit (1Mx8 /512Kx16) CMOS MASK ROM
logo
Macronix International
MX23L8051 MCNIX-MX23L8051 Datasheet
217Kb / 13P
8M-BIT [8M x 1] CMOS SERIAL MASK-ROM
MX23L8103 MCNIX-MX23L8103 Datasheet
309Kb / 8P
8M-BIT MASK ROM
MX23L8111 MCNIX-MX23L8111 Datasheet
772Kb / 11P
8M-BIT MASK ROM(8/16 BIT OUTPUT)
logo
SONiX Technology Compan...
SNR008 SONIX-SNR008_05 Datasheet
190Kb / 9P
8M-bit Mask ROM
logo
Generalplus Technology ...
GPR23L800D GENERALPLUS-GPR23L800D Datasheet
354Kb / 8P
8M-BIT MASK ROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com