Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F023 Datasheet (PDF) - Silicon Laboratories

C8051F023 Datasheet PDF - Silicon Laboratories
Part # C8051F023
Download  C8051F023 Download
File Size   194.45 Kbytes
Page   2 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU

C8051F023 Datasheet (PDF)

Go To PDF Page Download Datasheet
C8051F023 Datasheet PDF - Silicon Laboratories

Part # C8051F023
Download  C8051F023 Click to download

File Size   194.45 Kbytes
Page   2 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU

C8051F023 Datasheet (HTML) - Silicon Laboratories


C8051F023 Product details

SYSTEM OVERVIEW

The C8051F020/1/2/3 devices are fully integrated mixed-signal System-on-a-Chip MCUs with 64 digital I/O pins (C8051F020/2) or 32 digital I/O pins (C8051F021/3). Highlighted features are listed below; refer to Table 1.1 for specific product feature selection.



• High-Speed pipelined 8051-compatible CIP-51 microcontroller core (up to 25 MIPS)

• In-system, full-speed, non-intrusive debug interface (on-chip)

• True 12-bit (C8051F020/1) or 10-bit (C8051F022/3) 100 ksps 8-channel ADC with PGA and analog multiplexer

• True 8-bit ADC 500 ksps 8-channel ADC with PGA and analog multiplexer

• Two 12-bit DACs with programmable update scheduling

• 64k bytes of in-system programmable FLASH memory

• 4352 (4096 + 256) bytes of on-chip RAM

• External Data Memory Interface with 64k byte address space

• SPI, SMBus/I2C, and (2) UART serial interfaces implemented in hardware

• Five general purpose 16-bit Timers

• Programmable Counter/Timer Array with five capture/compare modules

• On-chip Watchdog Timer, VDD Monitor, and Temperature Sensor



ANALOG PERIPHERALS

- SAR ADC

   • 12-Bit (C8051F020/1)

   • 10-Bit (C8051F022/3)

   • ± 1 LSB INL

   • Programmable Throughput up to 100 ksps

   • Up to 8 External Inputs; Programmable as Single-Ended or Differential

   • Programmable Amplifier Gain: 16, 8, 4, 2, 1, 0.5

   • Data-Dependent Windowed Interrupt Generator

   • Built-in Temperature Sensor (± 3°C)

- 8-bit ADC

   • Programmable Throughput up to 500 ksps

   • 8 External Inputs

   • Programmable Amplifier Gain: 4, 2, 1, 0.5

- Two 12-bit DACs

   • Can Synchronize Outputs to Timers for Jitter-Free Wave form Generation

- Two Analog Comparators

- Voltage Reference

- Precision VDD Monitor/Brown-Out Detector



ON-CHIP JTAG DEBUG & BOUNDARY SCAN

- On-Chip Debug Circuitry Facilitates Full- Speed, Non Intrusive In-Circuit/In-System Debugging

- Provides Breakpoints, Single-Stepping, Watchpoints, Stack Monitor; Inspect/Modify Memory and Registers

- Superior Performance to Emulation Systems Using ICE Chips, Target Pods, and Sockets

- IEEE1149.1 Compliant Boundary Scan

- Low-Cost, Complete Development Kit



HIGH SPEED 8051 µC CORE

- Pipelined Instruction Architecture; Executes 70% of Instruction Set in 1 or 2 System Clocks

- Up to 25 MIPS Throughput with 25 MHz Clock

- 22 Vectored Interrupt Sources



MEMORY

- 4352 Bytes Internal Data RAM (4k + 256)

- 64k Bytes FLASH; In-System programmable in 512-byte Sectors

- External 64k Byte Data Memory Interface (programmable multiplexed or non-multiplexed modes)



DIGITAL PERIPHERALS

- 8 Byte-Wide Port I/O (C8051F020/2); 5V tolerant

- 4 Byte-Wide Port I/O (C8051F021/3); 5V tolerant

- Hardware SMBus™ (I2C™ Compatible), SPI™, and Two UART Serial Ports Available Concurrently

- Programmable 16-bit Counter/Timer Array with 5 Capture/Compare Modules

- 5 General Purpose 16-bit Counter/Timers

- Dedicated Watch-Dog Timer; Bi-directional Reset Pin



CLOCK SOURCES

- Internal Programmable Oscillator: 2-to-16 MHz

- External Oscillator: Crystal, RC, C, or Clock

- Real-Time Clock Mode using Timer 3 or PCA



SUPPLY VOLTAGE .......................... 2.7V TO 3.6V

- Typical Operating Current: 10 mA @ 20 MHz

- Multiple Power Saving Sleep and Shutdown Modes

   100-Pin TQFP and 64-Pin TQFP Packages Available Temperature Range: -40°C to +85°C



 




Similar Part No. - C8051F023

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F023 SILABS-C8051F023 Datasheet
4Mb / 272P
8K ISP FLASH MCU Family
C8051F023 SILABS-C8051F023 Datasheet
1Mb / 16P
The C8051F12x series is pin compatible
More results


Similar Description - C8051F023

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F015 SILABS-C8051F015 Datasheet
416Kb / 2P
25 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F018 SILABS-C8051F018 Datasheet
420Kb / 2P
25 MIPS, 16 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F021 SILABS-C8051F021 Datasheet
194Kb / 2P
25 MIPS, 64 kB Flash, 12-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F043 SILABS-C8051F043 Datasheet
418Kb / 2P
25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F045 SILABS-C8051F045 Datasheet
410Kb / 2P
25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F061 SILABS-C8051F061 Datasheet
430Kb / 2P
25 MIPS, 64 kB Flash, 16-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F063 SILABS-C8051F063 Datasheet
429Kb / 2P
25 MIPS, 64 kB Flash, 16-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F065 SILABS-C8051F065 Datasheet
195Kb / 2P
25 MIPS, 64 kB Flash, 16-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F133 SILABS-C8051F133 Datasheet
178Kb / 2P
100 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F700 SILABS-C8051F700_14 Datasheet
37Kb / 2P
25 MIPS, 15 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com