Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF373R1 Datasheet (PDF) - Motorola, Inc

MRF373R1 Datasheet PDF - Motorola, Inc
Part # MRF373R1
Download  MRF373R1 Download
File Size   1487.57 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description RF POWER FIELD EFFECT TRANSISTORS

MRF373R1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF373R1 Datasheet PDF - Motorola, Inc

Part # MRF373R1
Download  MRF373R1 Click to download

File Size   1487.57 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description RF POWER FIELD EFFECT TRANSISTORS

MRF373R1 Datasheet (HTML) - Motorola, Inc


MRF373R1 Product details

The RF MOSFET Line RF Power Field Effect Transistors

N-Channel Enhancement-Mode Lateral MOSFETs



Designed for broadband commercial and industrial applications with frequencies from 470 – 860 MHz. The high gain and broadband performance of thes devices make them ideal for large–signal, common source amplifier applications in 28 volt transmitter equipment.



• Guaranteed CW Performance at 860 MHz, 28 Volts, Narrowband Fixture

   Output Power – 60 Watts

   Power Gain – 13 dB

   Efficiency – 50%

• Typical Performance at 860 MHz, 28 Volts, Broadband Push–Pull Fixture

   Output Power – 100 Watts (PEP)

   Power Gain – 11.2 dB

   Efficiency – 40%

   IMD – –30 dBc

• Excellent Thermal Stability

• 100% Tested for Load Mismatch Stress at All Phase Angles with 5:1 VSWR @ 28 Vdc, 860 MHz, 60 Watts CW

• In Tape and Reel. R1 = 500 units per 32 mm, 13 inch Reel.



 




Similar Part No. - MRF373R1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF373 MOTOROLA-MRF373 Datasheet
217Kb / 12P
The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF373A MOTOROLA-MRF373A Datasheet
481Kb / 8P
RF Power Field Effect Transistors
logo
Freescale Semiconductor...
MRF373A FREESCALE-MRF373A Datasheet
372Kb / 10P
RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373ALR1 MOTOROLA-MRF373ALR1 Datasheet
481Kb / 8P
RF Power Field Effect Transistors
logo
Freescale Semiconductor...
MRF373ALR1 FREESCALE-MRF373ALR1 Datasheet
372Kb / 10P
RF Power Field Effect Transistors
More results


Similar Description - MRF373R1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
RF Power Field Effect Transistors
MRF6S9060MR1 FREESCALE-MRF6S9060MR1 Datasheet
630Kb / 16P
RF Power Field Effect Transistors
MRF6S27050HR3 FREESCALE-MRF6S27050HR3 Datasheet
463Kb / 12P
RF Power Field Effect Transistors
MRF18060ALR3 FREESCALE-MRF18060ALR3 Datasheet
393Kb / 12P
RF Power Field Effect Transistors
MRF284LR1 FREESCALE-MRF284LR1 Datasheet
376Kb / 12P
RF Power Field Effect Transistors
MRF21010LR1 FREESCALE-MRF21010LR1_06 Datasheet
383Kb / 8P
RF Power Field Effect Transistors
MRF21125R3 FREESCALE-MRF21125R3 Datasheet
427Kb / 12P
RF Power Field Effect Transistors
MRF6V2300NBR1 FREESCALE-MRF6V2300NBR1 Datasheet
687Kb / 19P
RF Power Field Effect Transistors
MRF6V14300HR3 FREESCALE-MRF6V14300HR3 Datasheet
401Kb / 10P
RF Power Field Effect Transistors
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com