Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT47R20A-1 Datasheet (PDF) - Holtek Semiconductor Inc

HT47R20A-1 Datasheet PDF - Holtek Semiconductor Inc
Part # HT47R20A-1
Download  HT47R20A-1 Download
File Size   314.4 Kbytes
Page   43 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description R-F Type 8-Bit MCU

HT47R20A-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT47R20A-1 Datasheet PDF - Holtek Semiconductor Inc

Part # HT47R20A-1
Download  HT47R20A-1 Click to download

File Size   314.4 Kbytes
Page   43 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description R-F Type 8-Bit MCU

HT47R20A-1 Datasheet (HTML) - Holtek Semiconductor Inc


HT47R20A-1 Product details

General Description
The HT47R20A-1/HT47C20-1 are 8-bit, high performance, RISC architecture microcontroller devices specifically designed for applications that interface directly to analog signals, such as those from sensors. The mask version HT47C20-1 is fully pin and functionally compatible with the OTP version HT47R20A-1 device.

Features
• Operating voltage: 2.2V~5.5V
• Eight bidirectional I/O lines
• Four input lines
• One interrupt input
• One 16-bit programmable timer/event counter with PFD (programmable frequency divider) function
• On-chip crystal and RC oscillator for system clock
• One 32.768kHz crystal oscillator for real time clock or system clock
• Watchdog Timer
• 2Kx16 program memory
• 64x8 data memory RAM
• One Real Time Clock (RTC)
• One 8-bit prescaler for RTC
• One low voltage detector
• One low voltage reset circuit
• One buzzer output
• HALT function and wake-up feature reduce power consumption
• LCD bias C type or R type
• One LCD driver with 20x2,20x3 or 19x4 segments
• One IR carrier output
• Two channels RC type A/D converter
• Four-level subroutine nesting
• Bit manipulation instruction
• 16-bit table read instruction
• Up to 1μs instruction cycle with 4MHz system clock
• All instructions in one or two machine cycles
• 63 powerful instructions
• 64-pin LQFP package




Similar Part No. - HT47R20A-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT47R20A-1 HOLTEK-HT47R20A-1_08 Datasheet
294Kb / 41P
R-F Type 8-Bit MCU
More results


Similar Description - HT47R20A-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45R36 HOLTEK-HT45R36 Datasheet
301Kb / 40P
C/R to F Type 8-Bit OTP MCU
September 28, 2006
HT45R34 HOLTEK-HT45R34 Datasheet
307Kb / 41P
C/R to F Type 8-Bit OTP MCU
October 15, 2007
HT47R10A-1 HOLTEK-HT47R10A-1 Datasheet
318Kb / 43P
R-F Type 8-Bit MCU
September 27, 2007
HT47C20 HOLTEK-HT47C20_02 Datasheet
348Kb / 46P
8-Bit R-F Type Mask MCU
July 26, 2002
HT45R35V HOLTEK-HT45R35V Datasheet
301Kb / 42P
C/R to F Type 8-Bit OTP MCU
March 19, 2009
HT45R35 HOLTEK-HT45R35 Datasheet
317Kb / 54P
C/R to F Type 8-Bit OTP MCU
January 29, 2010
HT45R35 HOLTEK-HT45R35_10 Datasheet
383Kb / 59P
C/R to F Type 8-Bit OTP MCU
HT45R37 HOLTEK-HT45R37_11 Datasheet
672Kb / 100P
TinyPowerTM C/R-F Type 8-Bit OTP MCU
HT47C06L HOLTEK-HT47C06L Datasheet
273Kb / 37P
R-F Type Low Voltage 8-Bit Mask MCU
HT47R20A-1 HOLTEK-HT47R20A-1_08 Datasheet
294Kb / 41P
R-F Type 8-Bit MCU
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com