Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F316 Datasheet (PDF) - Silicon Laboratories

C8051F316 Datasheet PDF - Silicon Laboratories
Part # C8051F316
Download  C8051F316 Download
File Size   405.08 Kbytes
Page   2 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 25 MIPS, 16 kB Flash,10-Bit ADC, 24-Pin Mixed-Signal MCU

C8051F316 Datasheet (PDF)

Go To PDF Page Download Datasheet
C8051F316 Datasheet PDF - Silicon Laboratories

Part # C8051F316
Download  C8051F316 Click to download

File Size   405.08 Kbytes
Page   2 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 25 MIPS, 16 kB Flash,10-Bit ADC, 24-Pin Mixed-Signal MCU

C8051F316 Datasheet (HTML) - Silicon Laboratories


C8051F316 Product details

C8051F31x devices are fully integrated mixed-signal System-on-a-Chip MCUs. Highlighted features are listed below. Refer to Table 1.1for specific product feature selection.





• High-speed pipelined 8051-compatible microcontroller core (up to 25 MIPS)

• In-system, full-speed, non-intrusive debug interface (on-chip)

• True 10-bit 200 ksps 25-channel single-ended/differential ADC with analog multiplexer (C8051F310/1/2/3/6)

• Precision programmable 25 MHz internal oscillator

• 16 kB (C8051F310/1/6/7) or 8 kB (C8051F312/3/4/5) of on-chip Flash memory

• 1280 bytes of on-chip RAM

• SMBus/I2C, Enhanced UART, and Enhanced SPI serial interfaces implemented in hardware

• Four general-purpose 16-bit timers

• Programmable Counter/Timer Array (PCA) with five capture/compare modules and Watchdog Timer function

• On-chip Power-On Reset, VDDMonitor, and Temperature Sensor

• On-chip Voltage Comparators

• 29/25/21 Port I/O (5 V tolerant)




Similar Part No. - C8051F316

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F316 ETC1-C8051F316 Datasheet
2Mb / 224P
8/16 kB ISP Flash MCU Family
logo
Silicon Laboratories
C8051F316 SILABS-C8051F316 Datasheet
2Mb / 228P
8/16 kB ISP Flash MCU Family
logo
List of Unclassifed Man...
C8051F316-GM ETC1-C8051F316-GM Datasheet
2Mb / 224P
8/16 kB ISP Flash MCU Family
More results


Similar Description - C8051F316

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F016 SILABS-C8051F016 Datasheet
420Kb / 2P
25 MIPS, 32 kB Flash, 10-Bit ADC, 48-Pin Mixed-Signal MCU
C8051F018 SILABS-C8051F018 Datasheet
420Kb / 2P
25 MIPS, 16 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F019 SILABS-C8051F019 Datasheet
167Kb / 2P
25 MIPS, 16 kB Flash, 10-Bit ADC, 48-Pin Mixed-Signal MCU
C8051F062 SILABS-C8051F062 Datasheet
433Kb / 2P
25 MIPS, 64 kB Flash, 16-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F067 SILABS-C8051F067 Datasheet
195Kb / 2P
25 MIPS, 32 kB Flash, 16-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F310 SILABS-C8051F310 Datasheet
164Kb / 2P
25 MIPS, 16 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU
C8051F311 SILABS-C8051F311 Datasheet
425Kb / 2P
25 MIPS, 16 kB Flash, 10-Bit ADC, 28-Pin Mixed-Signal MCU
C8051F317 SILABS-C8051F317 Datasheet
400Kb / 2P
25 MIPS, 16 kB Flash, 24-Pin Mixed-Signal MCU
C8051F717 SILABS-C8051F717 Datasheet
164Kb / 1P
25 MIPS, 16 kB Flash, 24-Pin Mixed-Signal MCU
C8051F310-GQR SILABS-C8051F310-GQR Datasheet
172Kb / 2P
25 MIPS, 16 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com