Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3220 Datasheet (PDF) - Silicon Laboratories

SI3220 Datasheet PDF - Silicon Laboratories
Part # SI3220
Download  SI3220 Download
File Size   1504.7 Kbytes
Page   112 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC

SI3220 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI3220 Datasheet PDF - Silicon Laboratories

Part # SI3220
Download  SI3220 Click to download

File Size   1504.7 Kbytes
Page   112 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC

SI3220 Datasheet (HTML) - Silicon Laboratories


SI3220 Product details

Description

The Dual ProSLIC® is a series of low-voltage CMOS devices thatintegrate both SLIC and codec functionality into a single IC to provide a complete dual-channel analog telephone interface in accordance withall relevant LSSGR, ITU, and ETSI specifications. The Si3220 includes internal ringing generation to eliminate centralized ringers and ringing relays, and the Si3225 supports centralized ringing for long loop and legacy applications.



Features

Performs all BORSCHT functions

Ideal for applications up to 18 kft

Internal balanced and unbalanced ringing(Si3220)

External bulk ringer support (Si3225)

Software-programmable parameters:

 Ringing frequency, amplitude, cadence, and waveshape (Si3220)

 Two-wire ac impedance

 Transhybrid balance

 DC current loop feed

 Loop closure and ring trip thresholds

 Ground key detect threshold

Automatic switching of up to three battery supplies

On-hook transmission

Loop or ground start operation with smooth/abrupt polarity reversal

Modem/fax tone detection

DTMF generation/decoding

Dual tone generators

A-Law/µ-Law, linear PCM companding

PCM and SPI bus digital interfaces with programmable interrupts

GCI mode support

3.3 or 5 V operation

GR-909 loop diagnostics

Audio diagnostics with loopback

12 kHz/16 kHz pulse metering(Si3220)

FSK caller ID generation

Lead-free/RoHS-compliant



Applications

Digital loop carriers

Central Office telephony

Pair gain remote terminals

Wireless local loop

Private Branch Exchange (PBX) systems

Cable telephony

Voice over IP/voice over DSL

ISDN terminal adapters




Similar Part No. - SI3220

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3220 SILABS-SI3220 Datasheet
234Kb / 2P
Broadband AND Voice Telephony Solutions
logo
Silicon image
Si3220 SILICONIMAGE-Si3220 Datasheet
1Mb / 108P
DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
Silicon Laboratories
SI3220PPT-EVB SILABS-SI3220PPT-EVB Datasheet
777Kb / 16P
EVALUATION BOARD FOR THE Si3220 DUAL PROSLIC
More results


Similar Description - SI3220

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88614 MITEL-MH88614 Datasheet
90Kb / 10P
Programmable CODEC SLIC Advance Information
logo
Silicon Laboratories
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3215 SILABS-SI3215 Datasheet
1Mb / 118P
PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3230 SILABS-SI3230 Datasheet
1Mb / 108P
PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3233 SILABS-SI3233 Datasheet
1Mb / 100P
PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
Quad ProSLIC짰 Programmable CMOS SLIC/Codec
logo
Winbond
W681388 WINBOND-W681388 Datasheet
130Kb / 2P
Single Programmable Extended CODEC/SLIC
W682388 WINBOND-W682388_1 Datasheet
131Kb / 2P
Dual Programmable Extended CODEC/SLIC
logo
Silicon image
SI3210-FT SILICONIMAGE-SI3210-FT Datasheet
869Kb / 148P
PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3225-FQ SILICONIMAGE-SI3225-FQ Datasheet
1Mb / 108P
DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com