Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7750 Datasheet (PDF) - Holtek Semiconductor Inc

HT7750 Datasheet PDF - Holtek Semiconductor Inc
Part # HT7750
Download  HT7750 Download
File Size   131.69 Kbytes
Page   15 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description PFM Step-up DC/DC Converter

HT7750 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT7750 Datasheet PDF - Holtek Semiconductor Inc

Part # HT7750
Download  HT7750 Click to download

File Size   131.69 Kbytes
Page   15 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description PFM Step-up DC/DC Converter

HT7750 Datasheet (HTML) - Holtek Semiconductor Inc


HT7750 Product details

General Description
The HT77XX series is a set of PFM step-up DC/DC con verter with high efficiency and low ripple. The series features extremely low start-up voltage and high output voltage accuracy. They require only three external components to provide a fixed output voltage of 1.8V, 2.2V, 2.7V, 3.0V, 3.3V, 3.7V or 5.0V. CMOS technology ensures ultra low supply current and makes them ideal for battery-operated applications powered from one or more cells.

Features
• Low start-up voltage: 0.7V (Typ.), 0.9V (Max.)
• High efficiency: 85% (Typ.), VOUT ≥ 2.7V
• High output voltage accuracy: ±2.5%
• Output voltage: 1.8V, 2.2V, 2.7V, 3.0V, 3.3V, 3.7V, 5.0V
• Output current up to 100mA
• Ultra low supply current IDD2: 4μA (Typ.)
• Low ripple and low noise
• Low shutdown current: 0.5μA (Typ.)
• TO92, SOT89, SOT23 and SOT23-5 package

Applications
• Palmtops/PDAs
• Portable communicators/Smartphones
• Cameras/Camcorders
• Battery-powered equipment




Similar Part No. - HT7750

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7750 HOLTEK-HT7750 Datasheet
507Kb / 19P
PFM Step-up DC/DC Converter
September 12, 2007
HT7750 HOLTEK-HT7750 Datasheet
474Kb / 19P
PFM Asynchronous Step-up DC to DC Converter (100mA)
October 13, 2010
HT7750 HOLTEK-HT7750 Datasheet
406Kb / 16P
PFM Asynchronous Step-up DC to DC Converter (100mA)
June 25, 2016
HT7750A HOLTEK-HT7750A Datasheet
370Kb / 18P
PFM Step-up DC/DC Converter
September 26, 2007
HT7750A HOLTEK-HT7750A Datasheet
588Kb / 14P
PFM Step-up DC/DC Converter
June 25, 2016
More results


Similar Description - HT7750

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
PFM STEP-UP DC/DC CONVERTER
logo
Holtek Semiconductor In...
HT77XXA HOLTEK-HT77XXA Datasheet
370Kb / 18P
PFM Step-up DC/DC Converter
September 26, 2007
HT77XX HOLTEK-HT77XX_07 Datasheet
507Kb / 19P
PFM Step-up DC/DC Converter
September 12, 2007
logo
List of Unclassifed Man...
CYT2606L ETC2-CYT2606L Datasheet
473Kb / 8P
PFM Step-Up DC-DC Converter
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
PFM Step-up DC/DC Converter
logo
Advanced Power Electron...
APE1910 A-POWER-APE1910 Datasheet
153Kb / 5P
STEP-UP PFM DC/DC CONVERTER
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
PFM step-up DC/DC converter
logo
Holtek Semiconductor In...
HT7727A HOLTEK-HT7727A_12 Datasheet
588Kb / 14P
PFM Step-up DC/DC Converter
June 25, 2016
logo
Guangdong Kexin Industr...
RCR2821 KEXIN-RCR2821 Datasheet
323Kb / 5P
PFM Step-up DC/DC Converter
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com