Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29LA321MH Datasheet (PDF) - Macronix International

MX29LA321MH Datasheet PDF - Macronix International
Part # MX29LA321MH
Download  MX29LA321MH Download
File Size   510.16 Kbytes
Page   66 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY

MX29LA321MH Datasheet (PDF)

Go To PDF Page Download Datasheet
MX29LA321MH Datasheet PDF - Macronix International

Part # MX29LA321MH
Download  MX29LA321MH Click to download

File Size   510.16 Kbytes
Page   66 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY

MX29LA321MH Datasheet (HTML) - Macronix International


MX29LA321MH Product details

GENERAL DESCRIPTION
The MX29LA321M H/L is a 32-mega bit Flash memory organized as 4M bytes of 8 bits or 2M words of 16 bits. MXICs Flash memories offer the most cost-effective and reliable read/write non-volatile random access memory. The MX29LA321M H/L is packaged in 56-pin TSOP and 64-ball CSP. It is designed to be reprogrammed and erased in system or in standard EPROM programmers.

FEATURES
GENERAL FEATURES
• Single Power Supply Operation
    - 2.7 to 3.6 volt for read, erase, and program operations
• Configuration
    - 4,194,304 x 8 / 2,097,152 x 16 switchable
• Sector structure
    - 64KB(32KW) x 64
• Latch-up protected to 250mA from -1V to VCC + 1V
• Low VCC write inhibit is equal to or less than 1.5V
• Compatible with JEDEC standard
    - Pin-out and software compatible to single power supply Flash

PERFORMANCE
• High Performance
    - Fast access time: 70R/90ns
    - Page read time: 25ns
    - Sector erase time: 0.5s (typ.)
    - 4 word/8 byte page read buffer
    - 16 word/ 32 byte write buffer: reduces programming
    time for multiple-word/byte updates
• Low Power Consumption
    - Active read current: 18mA(typ.)
    - Active write current: 20mA(typ.)
    - Standby current: 20uA(typ.)
• Minimum 100,000 erase/program cycle
• 20-year data retention




Similar Part No. - MX29LA321MH

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LA321MBTC-70R MCNIX-MX29LA321MBTC-70R Datasheet
913Kb / 72P
32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LA321MBTC-90 MCNIX-MX29LA321MBTC-90 Datasheet
913Kb / 72P
32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LA321MBTC-90G MCNIX-MX29LA321MBTC-90G Datasheet
913Kb / 72P
32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LA321MBTI-90 MCNIX-MX29LA321MBTI-90 Datasheet
913Kb / 72P
32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LA321MBTI-90G MCNIX-MX29LA321MBTI-90G Datasheet
913Kb / 72P
32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Similar Description - MX29LA321MH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX29LV033C ETC1-MX29LV033C Datasheet
530Kb / 57P
32M-BIT COMSEQUAL SECTOR FLASH MEMORY
logo
Integrated Circuit Syst...
MX29LV033M ICST-MX29LV033M Datasheet
378Kb / 65P
32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
REV. 0.02
logo
Macronix International
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
MX29LA129MH MCNIX-MX29LA129MH Datasheet
397Kb / 71P
128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV64XMH MCNIX-MX29LV64XMH Datasheet
539Kb / 70P
64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MH MCNIX-MX29LV128MH Datasheet
394Kb / 71P
128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV320MH MCNIX-MX29LV320MH Datasheet
384Kb / 66P
32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX68GL1G0F MCNIX-MX68GL1G0F Datasheet
1Mb / 71P
SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com