Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66008 Datasheet (PDF) - Mitsubishi Electric Semiconductor

M66008 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M66008
Download  M66008 Download
File Size   107.02 Kbytes
Page   5 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 16-BIT I/O EXPANDER

M66008 Datasheet (PDF)

Go To PDF Page Download Datasheet
M66008 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M66008
Download  M66008 Click to download

File Size   107.02 Kbytes
Page   5 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 16-BIT I/O EXPANDER

M66008 Datasheet (HTML) - Mitsubishi Electric Semiconductor


M66008 Product details

DESCRIPTION
The M66008 is a semiconductor integrated circuit providing the 16-bit serial input-parallel output and parallel input-serial output shift register function. Independent built-in registers for serial input-parallel output and parallel input-serial output enable serial input data to be read into a shift register during output of serial data converted from parallel data. In addition, parallel data input/output pin can be placed in input or output mode in bits. The M66008 is widely applicable to I/O port extension for MCU, data communication of serial bus system, etc.

FEATURES
• Two-way serial data communication with MCU
• Reading of serial data during parallel-serial data conversion
• Division of I/O bit in parallel data input/output
• Low power consumption of 50 µW/package maximum
  (Vcc=5V, Ta=25°C at time of standstill)
• Schmitt triggered input (DI, CLK, S, CS)
• Open drain output (DO, D1~D16)
• With parallel data input/output (D1~D16)
• Wide operating supply voltage range (Vcc=2~6V)
• Wide operating temperature range (Ta=–20~75°C)

APPLICATION
  Parallel/serial data conversion for MCU periphery, serial bus control by parallel/serial data conversion MCU, etc.




Similar Part No. - M66008

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66008FP RENESAS-M66008FP Datasheet
1Mb / 7P
16-BIT I/O EXPANDER
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
16-BIT I/O EXPANDER
More results


Similar Description - M66008

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
12-BIT I/O EXPANDER
logo
Princeton Technology Co...
PT8300 PTC-PT8300 Datasheet
56Kb / 4P
16-Bit I/O Expander IC
logo
Microchip Technology
MCP23016 MICROCHIP-MCP23016 Datasheet
569Kb / 38P
16-Bit I2C??I/O Expander
2007
logo
Renesas Technology Corp
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
16-BIT I/O EXPANDER
logo
Princeton Technology Co...
PT8300 PTC-PT8300_10 Datasheet
427Kb / 19P
16-Bit I/O Expander IC
logo
Microchip Technology
MCP23016T-I MICROCHIP-MCP23016T-I Datasheet
424Kb / 38P
16-Bit I2C I/O Expander
12/08/06
MCP23017 MICROCHIP-MCP23017_16 Datasheet
879Kb / 42P
16-Bit I/O Expander with Serial Interface
06/23/16
logo
ON Semiconductor
PCA9655E ONSEMI-PCA9655E Datasheet
170Kb / 20P
Remote 16-bit I/O Expander
January, 2016 ??Rev. 4
PCA9535E ONSEMI-PCA9535E_15 Datasheet
180Kb / 20P
16-bit Low-Power I/O Expander
October, 2015 ??Rev. 6
PCA9655E ONSEMI-PCA9655E_17 Datasheet
171Kb / 20P
Remote 16-bit I/O Expander
March, 2017 ??Rev. 5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com